Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 13 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 13 Page - Zetex Semiconductors

Back Button ZXLD1321 Datasheet HTML 9Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 10Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 11Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 12Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 13Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 14Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 15Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 16Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 17Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
13
www.zetex.com
© Zetex Semiconductors plc 2008
Thermal compensation of LED current
High-luminance LEDs often need to be supplied with a temperature compensated current in order
to maintain stable and reliable operation at high temperatures. This is usually achieved by
reducing the LED current proportionally from its nominal set value when the LED temperature
rises above a predefined threshold. (Fig.3)
Fig 3
The 'Thermal compensation current' generator inside the ZXLD1321 provides the necessary thermal
compensation current to meet this requirement, using an NTC thermistor and resistor. (Fig 4)
Fig 4
The TADJ pin of the device has a voltage threshold of 75mV nominal, which is derived from the
reference voltage VREF. If the voltage (VTADJ) on the TADJ pin is held above the threshold, the
thermal compensation current will be zero and no thermal compensation is applied. However, if
VTADJ falls below the threshold, a thermal compensation current (ITC) is produced that is
proportional to VTADJ. ITC is injected into the control loop in such a way as to reduce the demand
current IADJ, causing the control loop to decrease the LED current. The LED current will be
reduced to less than 10% of the set value when VTADJ falls below 50mV.
The threshold voltage has been chosen to set a nominal threshold of 105
°C and the device has
been optimized to operate with a standard 103KT1608 thermistor and 5k resistor in the potential
divider. Circuit details are given in the application notes. Alternative thermistor/resistor networks
can be used providing the input resistance presented to the device at the TADJ pin is similar at
the threshold temperature. If no LED thermal compensation is required, the TADJ pin should be
connected to VREF to disable this function.
I
LED
LED temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com