Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXLD1321 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Pin connections (top-view)
Package view
Block diagram
Package
14-Pin DFN with exposed pad
4mm x 3mm
0.50mm pitch
1.5W @TA=70°C
DFN14 package (bottom view).
45° chamfer denotes Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com