Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2315CBZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2315CBZ-R2
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2315CBZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  SSM2315CBZ-R2 Datasheet HTML 1Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 2Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 3Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 4Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 5Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 6Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 7Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 8Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Filterless, High Efficiency,
Mono 3 W Class-D Audio Amplifier
SSM2315
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless Class-D amplifier with Σ-Δ modulation
No sync necessary when using multiple Class-D amplifiers
from Analog Devices, Inc.
3 W into 3 Ω load and 1.4 W into 8 Ω load at 5.0 V supply
with <1% total harmonic distortion (THD + N)
93% efficiency at 5.0 V, 1.4 W into 8 Ω speaker
>103 dB signal-to-noise ratio (SNR)
Single-supply operation from 2.5 V to 5.5 V
20 nA ultralow shutdown current
Short-circuit and thermal protection
Available in 9-ball, 1.5 mm × 1.5 mm WLCSP
Pop-and-click suppression
Built-in resistors reduce board component count
Default fixed 6 dB or user adjustable gain setting
APPLICATIONS
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2315 is a fully integrated, high efficiency, Class-D audio
amplifier. It is designed to maximize performance for mobile
phone applications. The application circuit requires a minimum
of external components and operates from a single 2.5 V to 5.5 V
supply. It is capable of delivering 3 W of continuous output power
with <1% THD + N driving a 3 Ω load from a 5.0 V supply.
The SSM2315 features a high efficiency, low noise modulation
scheme that requires no external LC output filters. The modulation
continues to provide high efficiency even at low output power.
It operates with 93% efficiency at 1.4 W into 8 Ω or 85% efficiency
at 3 W into 3 Ω from a 5.0 V supply and has an SNR of >103 dB.
Spread-spectrum pulse density modulation is used to provide
lower EMI-radiated emissions compared with other Class-D
architectures.
The SSM2315 has a micropower shutdown mode with a typical
shutdown current of 20 nA. Shutdown is enabled by applying
a logic low to the SD pin.
The device also includes pop-and-click suppression circuitry.
This suppression circuitry minimizes voltage glitches at the
output during turn-on and turn-off, reducing audible noise
on activation and deactivation.
The fully differential input of the SSM2315 provides excellent
rejection of common-mode noise on the input. Input coupling
capacitors can be omitted if the dc input common-mode voltage
is approximately VDD/2.
The default gain of the SSM2315 is 6 dB, but users can reduce the
gain by using a pair of external resistors (see the Gain section).
The SSM2315 is specified over the industrial temperature range of
−40°C to +85°C. It has built-in thermal shutdown and output
short-circuit protection. It is available in a 9-ball, 1.5 mm × 1.5 mm
wafer level chip scale package (WLCSP).
FUNCTIONAL BLOCK DIAGRAM
SHUTDOWN
0.1µF
VDD
POP/CLICK
SUPPRESSION
OUT+
OUT–
IN+
VBATT
2.5V TO 5.5V
IN–
MODULATOR
(Σ-Δ)
GND
10µF
47nF*
*INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
47nF*
SD
AUDIO IN–
AUDIO IN+
SSM2315
80kΩ
160kΩ
160kΩ
80kΩ
FET
DRIVER
BIAS
INTERNAL
OSCILLATOR
Figure 1.


Similar Part No. - SSM2315CBZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2315CBZ-R21 AD-SSM2315CBZ-R21 Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2315CBZ-R21 AD-SSM2315CBZ-R21 Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
More results

Similar Description - SSM2315CBZ-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com