Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2315CBZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2315CBZ-R2
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2315CBZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2315CBZ-R2 Datasheet HTML 7Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 8Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 9Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 10Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 11Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 12Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 13Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 14Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SSM2315
Rev. A | Page 11 of 16
TYPICAL APPLICATION CIRCUITS
SHUTDOWN
0.1µF
VDD
POP/CLICK
SUPPRESSION
OUT+
OUT–
IN+
VBATT
2.5V TO 5.5V
IN–
MODULATOR
(Σ-Δ)
GND
10µF
47nF*
47nF*
*INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
EXTERNAL GAIN SETTINGS = 160kΩ/(80kΩ + REXT)
SD
AUDIO IN–
AUDIO IN+
SSM2315
80kΩ
160kΩ
160kΩ
80kΩ
REXT
REXT
FET
DRIVER
BIAS
INTERNAL
OSCILLATOR
Figure 31. Differential Input Configuration, User-Adjustable Gain
SHUTDOWN
0.1µF
VDD
POP/CLICK
SUPPRESSION
OUT+
OUT–
VBATT
2.5V TO 5.5V
MODULATOR
(Σ-Δ)
GND
10µF
47nF
47nF
SD
SSM2315
80kΩ
160kΩ
160kΩ
80kΩ
REXT
REXT
FET
DRIVER
BIAS
INTERNAL
OSCILLATOR
EXTERNAL GAIN SETTINGS = 160kΩ/(80kΩ + REXT)
IN+
IN–
AUDIO IN+
Figure 32. Single-Ended Input Configuration, User-Adjustable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com