Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2315CBZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2315CBZ-R2
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2315CBZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2315CBZ-R2 Datasheet HTML 5Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 6Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 7Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 8Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 9Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 10Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 11Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 12Page - Analog Devices SSM2315CBZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SSM2315
Rev. A | Page 9 of 16
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
01.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
OUTPUT POWER (W)
VDD = 5V
RL = 8Ω + 33µH
Figure 21. Power Dissipation vs. Output Power, RL = 8 Ω + 33 μH at VDD = 5.0 V
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
03.0
2.5
2.0
1.5
1.0
0.5
OUTPUT POWER (W)
VDD = 5V
RL = 4Ω + 33µH
Figure 22. Power Dissipation vs. Output Power, RL = 4 Ω + 33 μH at VDD = 5.0 V
0.09
0.07
0.08
0.06
0.05
0.04
0.03
0.02
0.01
0
00.9
0.7
0.5
0.8
0.6
0.4
0.3
0.2
0.1
OUTPUT POWER (W)
VDD = 3.6V
RL = 8Ω + 33µH
Figure 23. Power Dissipation vs. Output Power, RL = 8 Ω + 33 μH at VDD = 3.6 V
0.25
0.20
0.15
0.10
0.05
0
01.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
OUTPUT POWER (W)
VDD = 3.6V
RL = 4Ω + 33µH
Figure 24. Power Dissipation vs. Output Power, RL = 4 Ω + 33 μH at VDD = 3.6 V
400
350
300
250
200
150
100
50
0
01.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
OUTPUT POWER (W)
RL = 8Ω + 33µH
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 25. Supply Current vs. Output Power, RL = 8 Ω + 33 μH
800
700
600
500
400
300
200
100
0
03.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
OUTPUT POWER (W)
RL = 4Ω + 33µH
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 26. Supply Current vs. Output Power, RL = 4 Ω + 33 μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com