Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2D068-CF Datasheet(PDF) 6 Page - ebm-papst

Part # M2D068-CF
Description  AC axial fan sickle-shaped blades (S series), single-intake
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M2D068-CF Datasheet(HTML) 6 Page - ebm-papst

  M2D068-CF Datasheet HTML 1Page - ebm-papst M2D068-CF Datasheet HTML 2Page - ebm-papst M2D068-CF Datasheet HTML 3Page - ebm-papst M2D068-CF Datasheet HTML 4Page - ebm-papst M2D068-CF Datasheet HTML 5Page - ebm-papst M2D068-CF Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AC axial fan
sickle-shaped blades (S series), single-intake
A2D240-AA02-02
Curves: Air performance 60 Hz
pfs @ rho=1,2 kg/m³
qv [m³/h]
1400
1200
1000
800
600
400
200
0
qv [CFM]
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
00
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
1,2
1,15
1,1
1,05
1
0,95
0,9
0,85
0,8
0,75
0,7
0,65
0,6
0,55
0,5
0,45
0,4
0,35
0,3
0,25
0,2
0,15
0,1
0,05
1
2
3
4
Measurement: LU-59199-1
Air performance measured according to ISO
5801 installation category A. For detailed
information on the measurement setup,
contact ebm-papst. Intake sound level:
Sound power level according to ISO 13347 /
sound pressure level measured at 1 m
distance from fan axis. The values given are
valid under the specified measuring
conditions and may vary due to conditions of
installation. For deviations from the standard
configuration, the parameters have to be
checked on the installed unit.
Measured values
1
2
3
4
U
V
400
400
400
400
f
Hz
60
60
60
60
n
min-1
2700
2675
2640
2620
Pe
W
125
129
133
135
I
A
0.20
0.21
0.21
0.21
qv
m3/h
1305
1210
1090
935
pfs
Pa
0
40
80
120
qv
CFM
770
710
645
550
pfs
inH2O
0.00
0.16
0.32
0.48
U = Power supply · f = Frequency · n = Speed (rpm) · Pe = Power consumption · I = Current draw · qv = Air flow · pfs = Pressure increase
Item no. 14661-5-9980 · ENU · Change 89188 · Approved 2016-04-28 · Page 6 / 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com