Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2D068-CF Datasheet(PDF) 2 Page - ebm-papst

Part # M2D068-CF
Description  AC axial fan sickle-shaped blades (S series), single-intake
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M2D068-CF Datasheet(HTML) 2 Page - ebm-papst

  M2D068-CF Datasheet HTML 1Page - ebm-papst M2D068-CF Datasheet HTML 2Page - ebm-papst M2D068-CF Datasheet HTML 3Page - ebm-papst M2D068-CF Datasheet HTML 4Page - ebm-papst M2D068-CF Datasheet HTML 5Page - ebm-papst M2D068-CF Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC axial fan
sickle-shaped blades (S series), single-intake
A2D240-AA02-02
Technical description
Weight
1.65 kg
Fan size
240 mm
Rotor surface
Painted black
Blade material
Sheet steel, painted black
Number of blades
5
Airflow direction
"A"
Direction of rotation
Clockwise, viewed toward rotor
Degree of protection
IP44; installation- and position-dependent
Insulation class
"B"
Moisture (F) / Environmental (H)
protection class
F5
Max. permitted ambient temp.
for motor (transport/storage)
+ 80 °C
Min. permitted ambient temp. for
motor (transport/storage)
- 40 °C
Installation position
Any
Condensation drainage holes
None
Mode
S1
Motor bearing
Ball bearing
Touch current according to IEC
60990 (measuring circuit Fig. 4,
TN system)
< 0.75 mA
With cable
Lateral
Protection class
I (with customer connection of protective earth)
Conformity with standards
EN 60335-1, motor does not have factory-installed overheating protection; CE
Item no. 14661-5-9980 · ENU · Change 89188 · Approved 2016-04-28 · Page 2 / 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com