Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2D068-CF Datasheet(PDF) 1 Page - ebm-papst

Part # M2D068-CF
Description  AC axial fan sickle-shaped blades (S series), single-intake
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M2D068-CF Datasheet(HTML) 1 Page - ebm-papst

  M2D068-CF Datasheet HTML 1Page - ebm-papst M2D068-CF Datasheet HTML 2Page - ebm-papst M2D068-CF Datasheet HTML 3Page - ebm-papst M2D068-CF Datasheet HTML 4Page - ebm-papst M2D068-CF Datasheet HTML 5Page - ebm-papst M2D068-CF Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AC axial fan
sickle-shaped blades (S series), single-intake
A2D240-AA02-02
ebm-papst Mulfingen GmbH & Co. KG
Bachmühle 2 · D-74673 Mulfingen
Phone +49 7938 81-0
Fax +49 7938 81-110
info1@de.ebmpapst.com
www.ebmpapst.com
Limited partnership · Headquarters Mulfingen
Amtsgericht (court of registration) Stuttgart · HRA 590344
General partner Elektrobau Mulfingen GmbH · Headquarters Mulfingen
Amtsgericht (court of registration) Stuttgart · HRB 590142
Nominal data
Type
A2D240-AA02-02
Motor
M2D068-CF
Phase
3~
3~
3~
3~
Nominal voltage
VAC
230
230
400
400
Wiring
Δ
Δ
Y
Y
Frequency
Hz
50
60
50
60
Method of obtaining data
fa
fa
fa
fa
Valid for approval/standard
CE
CE
CE
CE
Speed (rpm)
min-1
2550
2700
2550
2700
Power consumption
W
95
125
95
125
Current draw
A
0.31
0.35
0.18
0.20
Min. ambient temperature
°C
-25
-25
-25
-25
Max. ambient temperature
°C
75
70
75
70
Starting current
A
0.88
0.87
0.51
0.5
ml = Max. load · me = Max. efficiency · fa = Free air · cs = Customer specification · ce = Customer equipment
Subject to change
Item no. 14661-5-9980 · ENU · Change 89188 · Approved 2016-04-28 · Page 1 / 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - M2D068-CF

ManufacturerPart #DatasheetDescription
logo
ebm-papst
M2D068-CF EBMPAPST-M2D068-CF Datasheet
459Kb / 10P
direction of air flow "V" counter-clockwise, direction of air flow "A" clockwise
M2D068-CF EBMPAPST-M2D068-CF Datasheet
459Kb / 10P
AC axial fans
M2D068-CF EBMPAPST-M2D068-CF Datasheet
191Kb / 6P
AC motor
2011-06-09
M2D068-CF02-07 EBMPAPST-M2D068-CF02-07 Datasheet
191Kb / 6P
AC motor
2011-06-09
More results

Similar Description - M2D068-CF

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6200NM EBMPAPST-AC6200NM_11 Datasheet
215Kb / 4P
AC axial compact fan
3500 EBMPAPST-3500 Datasheet
290Kb / 4P
AC axial compact fan
3656 EBMPAPST-3656 Datasheet
290Kb / 4P
AC axial compact fan
4500N EBMPAPST-4500N Datasheet
297Kb / 4P
AC axial compact fan
4650Z EBMPAPST-4650Z Datasheet
286Kb / 4P
AC axial compact fan
4656N EBMPAPST-4656N Datasheet
296Kb / 4P
AC axial compact fan
W4E350-DN02-39 EBMPAPST-W4E350-DN02-39 Datasheet
854Kb / 5P
SC axial fan sickled blades (S series) Wall ring with guard grille
W4S250-CI02-01 EBMPAPST-W4S250-CI02-01 Datasheet
172Kb / 6P
AC axial fan with full round nozzle sickled blades (S series)
S4E450-AU03-02 EBMPAPST-S4E450-AU03-02 Datasheet
768Kb / 5P
AC axial fan sickled blades (S series) with guard grille for short nozzle
Revision 77504
logo
MinebeaMitsumi Inc.
15038PB MINEBEAMITSUMI-15038PB Datasheet
695Kb / 2P
AC Axial Fan/Metal Blades
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com