Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF153 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF153
Description  WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF153 Datasheet(HTML) 1 Page - STMicroelectronics

  LF153 Datasheet HTML 1Page - STMicroelectronics LF153 Datasheet HTML 2Page - STMicroelectronics LF153 Datasheet HTML 3Page - STMicroelectronics LF153 Datasheet HTML 4Page - STMicroelectronics LF153 Datasheet HTML 5Page - STMicroelectronics LF153 Datasheet HTML 6Page - STMicroelectronics LF153 Datasheet HTML 7Page - STMicroelectronics LF153 Datasheet HTML 8Page - STMicroelectronics LF153 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WIDE BANDWIDTH
DUAL J-FET OPERATIONAL AMPLIFIERS
®
.
LOW POWER CONSUMPTION
.
WIDE COMMON-MODE (UP TO VCC
+)AND
DIFFERENTIAL VOLTAGE RANGE
.
LOW INPUT BIAS AND OFFSET CURRENT
.
OUTPUT SHORT-CIRCUIT PROTECTION
.
HIGH INPUT IMPEDANCE J–FET INPUT
STAGE
.
INTERNAL FREQUENCY COMPENSATION
.
LATCH UP FREE OPERATION
.
HIGH SLEW RATE : 16V/
µs (typ)
N
DIP8
(Plastic Package)
1
2
3
45
6
7
8
-
+
-
+
1 - Output 1
2 - Inverting input 1
3 - Non-inverting input 1
4- VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 -Output 2
8- VCC
+
PIN CONNECTIONS (top view)
DESCRIPTION
The LF353 are high speed J–FET input dual opera-
tional amplifiers incorporating well matched, high
voltageJ–FET andbipolar transistorsin a monolithicin-
tegrated circuit.
The devicesfeaturehigh slew rates, low input bias and
offset currents, and low offset voltage temperature
coefficient.
LF153
LF253 - LF353
June 1998
D
SO8
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature
Package
ND
LF353
0
oC, +70oC
••
LF253
–40
oC, +105oC
••
LF153
–55
oC, +125oC
••
1/9


Similar Part No. - LF153

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF153 STMICROELECTRONICS-LF153 Datasheet
723Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Mar-2001
logo
SYC Electronica
LF153 SYC-LF153 Datasheet
169Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
logo
MicroPower Direct, LLC
LF153ED MPD-LF153ED Datasheet
233Kb / 2P
Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers
LF153ED MPD-LF153ED Datasheet
233Kb / 2P
F100ED SERIES
LF153EDI MPD-LF153EDI Datasheet
244Kb / 2P
Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
More results

Similar Description - LF153

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF147-LF247 STMICROELECTRONICS-LF147-LF247 Datasheet
302Kb / 10P
WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
Mar-2001
LF151 STMICROELECTRONICS-LF151 Datasheet
108Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Oct-1997
LF155-LF255-LF355 STMICROELECTRONICS-LF155-LF255-LF355 Datasheet
250Kb / 14P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
Jul-1998
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
J-FET Input Dual Operational Amplifiers
logo
STMicroelectronics
LF153 STMICROELECTRONICS-LF153_01 Datasheet
723Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Mar-2001
LF151 STMICROELECTRONICS-LF151_01 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
Wide bandwidth dual JFET operational amplifiers
25-Mar-2010
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com