Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF153 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LF153
Description  WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF153 Datasheet(HTML) 3 Page - STMicroelectronics

  LF153 Datasheet HTML 1Page - STMicroelectronics LF153 Datasheet HTML 2Page - STMicroelectronics LF153 Datasheet HTML 3Page - STMicroelectronics LF153 Datasheet HTML 4Page - STMicroelectronics LF153 Datasheet HTML 5Page - STMicroelectronics LF153 Datasheet HTML 6Page - STMicroelectronics LF153 Datasheet HTML 7Page - STMicroelectronics LF153 Datasheet HTML 8Page - STMicroelectronics LF153 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
LF153 - LF253 - LF353
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage (RS = 10k
Ω)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
310
13
mV
DVio
Input Offset Voltage Drift
10
µV/oC
Iio
Input Offset Current *
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
5
100
4
pA
nA
Iib
Input Bias Current *
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
20
200
20
pA
nA
Avd
Large Signal Voltage Gain (RL =2k
Ω,VO = ±10V)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio (RS = 10k
Ω)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
80
80
86
dB
ICC
Supply Current (no load)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
1.4
3.2
3.2
mA
Vicm
Input Common Mode Voltage Range
±11
+15
-12
V
CMR
Common Mode Rejection Ratio (RS = 10k
Ω)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
70
70
86
dB
Ios
Output Short-circuit Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
10
10
40
60
60
mA
±VOPP
Output Voltage Swing
Tamb =25
oCRL =2k
Ω
RL = 10k
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL =2k
Ω
RL = 10k
Ω
10
12
10
12
12
13.5
V
SR
Slew Rate
(Vi = 10V, RL =2k
Ω, CL = 100pF, Tamb =25oC, unity gain)
12
16
V/
µs
tr
Rise Time
(Vi = 20mV, RL =2k
Ω,CL = 100pF, Tamb =25oC, unity gain)
0.1
µs
KOV
Overshoot
(Vi = 20mV, RL =2k
Ω,CL = 100pF, Tamb =25oC, unity gain)
10
%
GBP
Gain Bandwidth Product
(f = 100kHz, Tamb =25
oC, Vin = 10mV, RL =2kΩ,CL = 100pF)
2.5
4
MHz
Ri
Input Resistance
10
12
Ω
THD
Total Harmonic Distortion (f = 1kHz, AV = 20dB, RL =2k
Ω,
CL = 100pF, Tamb =25
oC, VO =2VPP)
0.01
%
en
Equivalent Input Noise Voltage (f = 1kHz, Rs = 100
Ω)15
nV
√
Hz
∅m
Phase Margin
45
Degrees
VO1/VO2
Channel Separation (AV = 100, Tamb =25
oC)
120
dB
* The input bias currents are junction leakage currents which approximately double for every 10
oC increase in the junction temperature.
LF153 - LF253 - LF353
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com