Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF153 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LF153
Description  WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF153 Datasheet(HTML) 2 Page - STMicroelectronics

  LF153 Datasheet HTML 1Page - STMicroelectronics LF153 Datasheet HTML 2Page - STMicroelectronics LF153 Datasheet HTML 3Page - STMicroelectronics LF153 Datasheet HTML 4Page - STMicroelectronics LF153 Datasheet HTML 5Page - STMicroelectronics LF153 Datasheet HTML 6Page - STMicroelectronics LF153 Datasheet HTML 7Page - STMicroelectronics LF153 Datasheet HTML 8Page - STMicroelectronics LF153 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage - (note 1)
±18
V
Vi
Input Voltage - (note 3)
±15
V
Vid
Differential Input Voltage - (note 2)
±30
V
Ptot
Power Dissipation
680
mW
Output Short-circuit Duration - (note 4)
Infinite
Toper
Operating Free Air Temperature Range
LF353
LF253
LF153
0to 70
–40 to 105
–55 to 125
oC
Tstg
Storage Temperature Range
–65 to 150
oC
Notes :
1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the
zero reference level is the midpoint between VCC
+ and VCC–.
2. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less.
4. The output may be shorted to ground or to either supply. Temperature and /or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
Outpu t
Non-inverting
input
Inverting
input
V
CC
V
CC
100Ω
1.3k
30k
35k
35k
100Ω
1.3 k
8.2k
Offs e t Null1
Offse t Null2
100Ω
200Ω
SCHEMATIC DIAGRAM (each amplifier)
LF153 - LF253 - LF353
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com