Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS672LSB
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS672LSB_03 Datasheet HTML 1Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 2Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
OPERATING CHARACTERISTICS Valid at Ta = –40ºC to 150ºC, and VCC within specification, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics
Supply Voltage
VCC
Operating; TJ < TJ(max)
3.3
26.5
V
Reverse Supply Voltage
VRCC
IRCC = –5 mA, maximum
–18
V
Supply Zener Clamp Voltage
VZSupply ICC = 14 mA (≈ICC(max) + 3 mA); TA = 25°C
28
V
Output Zener Clamp Voltage
VZOutput IOUT = 3 mA; TA = 25°C
30
V
Supply Zener Current
IZSupply Test conditions only; VCC = 28 V
ICC(max) + 3 mA
Output Zener Current
IZOutput VOUT = 30 V
3
mA
Supply Current
ICC
Output = OFF
3
6.5
11
mA
Output = ON
3
6.5
11
mA
Power-On State Characteristics
Power-On Time
tPO
Gear Speed < 100 RPM; VCC > 3.3 V
500
µs
Undervoltage Lockout
VUV
< VCC(min)
V
Output Stage
Low Output Voltage
VLOUT ISINK = 15 mA, Output = ON
0.2
0.45
V
Output Current Limit
Ilim
Output = ON; TJ < TJ(max)
25
45
70
mA
Output Leakage Current
IOFF
Output = OFF; VOUT = VCC(max)
10
µA
Output Rise Time
tr
RLOAD = 500 Ω; CLOAD = 10 pF; TA = 25°C
0.9
5
µs
Output Fall Time
tf
RLOAD = 500 Ω; CLOAD = 10 pF; TA = 25°C
0.5
5
µs
Switch Point Characteristics
Tooth Speed
Smax
0
8
kHz
Bandwidth
f – 3 dB
40
kHz
Operate Point
BOP
% of peak-to-peak, referenced to tooth sensing signal;
AG < AGMax
–30
%
Release Point
BRP
% of peak-to-peak, referenced to tooth sensing signal;
AG < AGMax
–40
%
Output Polarity
VOUT
Valley opposite the sensor
HIGH
Tooth opposite the sensor
LOW
Calibration
Initial Calibration
CI
Number of rising mechanical edges on the target that
are required for accurate edge detection
–2
3
AGC Disable
Cf
Number of rising mechanical edges on the target that
are required to complete the AGC calibration
––
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com