Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS672LSB
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS672LSB_03 Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 12Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 13Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
Typical Circuit Design
The following circuit is the most basic configuration required for
proper device operation. A pull-up resistor is used.
2
ATS672
1
3
4
VCC
0.1 uF
VOUT
Sensor/Target Evaluation
In order to establish the proper operating specification for a
particular sensor/target configuration, a systematic evaluation of
the magnetic circuit should be performed. The first step is the
generation of a magnetic map of the target. By using a cali-
brated device, a magnetic signature of the system is made. A
magnetic map of the 8X reference target, created using the LSB
sensor package, is shown below.
From this map data, a pair of curves can be derived that describe
the tooth and valley magnetic fields versus air gap. Knowing
the minimum amount of magnetic flux density that guarantees
operation of the sensor, one can determine the maximum opera-
tional air gap of the sensor/target system.
Magnetic Map, 8X Reference Target, Using LSB Package
-200
-150
-100
-50
0
50
100
150
200
250
300
350
400
450
500
0
30
60
90
120
150
180
210
240
270
300
330
360
Position (°)
-200
-100
0
100
200
300
400
500
600
00.5
11.522.5
33.5
4
4.5
5
Air Gap (mm)
8X Reference Target Using LSB Package
Magnetic Flux Density, B, Versus Air Gap
Tooth
Valley



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com