Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS672LSB
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS672LSB_03 Datasheet HTML 1Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 2Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB_03 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
Output Rise Time (tr) and Fall Time (tf)
100%
Output High
Output Low
90%
10%
t (s)
tr
tf
VOUT (V)
t(µs)
Output Voltage Rise Duration
RLOAD = 500 Ω,CLOAD =10pF
0.00
2.00
4.00
8.00
10.00
6.00
0.0
1.0
2.0
3.0
4.0
5.0
t(µs)
Output Voltage Fall Duration
RLOAD = 500 Ω,CLOAD =10pF
0.0
1.0
2.0
3.0
4.0
0.00
2.00
4.00
8.00
10.00
6.00
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com