Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA6963 Datasheet(PDF) 21 Page - RAIO Technology Inc.

Part # RA6963
Description  Dot Matrix LCD Controller Specification
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA6963 Datasheet(HTML) 21 Page - RAIO Technology Inc.

Back Button RA6963 Datasheet HTML 17Page - RAIO Technology Inc. RA6963 Datasheet HTML 18Page - RAIO Technology Inc. RA6963 Datasheet HTML 19Page - RAIO Technology Inc. RA6963 Datasheet HTML 20Page - RAIO Technology Inc. RA6963 Datasheet HTML 21Page - RAIO Technology Inc. RA6963 Datasheet HTML 22Page - RAIO Technology Inc. RA6963 Datasheet HTML 23Page - RAIO Technology Inc. RA6963 Datasheet HTML 24Page - RAIO Technology Inc. RA6963 Datasheet HTML 25Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Preliminary Version 1.3
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
21/46
RA6963
< Table 6-9 >
0000h
0001h
………
001Eh
001Fh
0020h
0021h
………
003Eh
002Fh
0040h
0041h
………
005Eh
005Fh
0060h
0061h
………
007Eh
007Fh
6-7-2 Set Graphic Home Address
The starting address of the external display RAM used for graphic display is defined by this
Command. The graphic home address indicates the leftmost and uppermost position.
The Relationship between External Display RAM Address and Display Position
< Table 6-10 >
GH
………
GH + CL
GH + GA
………
GH + GA + CL
(GH + GA) + GA
………
GH + 2GA + CL
(GH + 2GA) + GA
………
GH + 3GA + CL
:
:
:
:
:
:
:
:
:
:
:
:
GH + (n-1) GA
………
GH + (n-1) GA + CL
GH: Graphic Home Address
GA: Graphic Area Number (columns)
CL: Columns are fixed by hardware (pin-programmable).
(Example)
Graphic Home Address
: 0000h
Graphic Area
: 0020h
MD2=H, MD3=H
: 32 columns
DUAL
=H, MDS=L, MD0=H, MD1=H
: 2 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com