Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA6963 Datasheet(PDF) 27 Page - RAIO Technology Inc.

Part # RA6963
Description  Dot Matrix LCD Controller Specification
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA6963 Datasheet(HTML) 27 Page - RAIO Technology Inc.

Back Button RA6963 Datasheet HTML 23Page - RAIO Technology Inc. RA6963 Datasheet HTML 24Page - RAIO Technology Inc. RA6963 Datasheet HTML 25Page - RAIO Technology Inc. RA6963 Datasheet HTML 26Page - RAIO Technology Inc. RA6963 Datasheet HTML 27Page - RAIO Technology Inc. RA6963 Datasheet HTML 28Page - RAIO Technology Inc. RA6963 Datasheet HTML 29Page - RAIO Technology Inc. RA6963 Datasheet HTML 30Page - RAIO Technology Inc. RA6963 Datasheet HTML 31Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Preliminary Version 1.3
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
27/46
RA6963
a) Auto Read mode
b) Auto Write mode
A uto R ead S tar t
S e t A d d r e ss
Po in te r
A u to R e a d B 1 h
D a ta R ead
S tatu s C hec k
2
EN D
S tatu s C hec k
1
S tatu s C hec k
2
D a ta R ead
R e petition
S tatu s C hec k
2
A u to r e s e t B 2 h
A uto W r ite S tar t
S e t A d d r e ss
Po in te r
A u to W r ite B 0 h
Da ta W r ite
S tatu s C hec k
2
EN D
S tatu s C hec k
1
S tatu s C hec k
2
Da ta W r ite
R epetitio n
S tatu s C hec k
2
A u to R e s e t B 2 h
ST A0 ,1
ST A 0 ,1
ST A 3
ST A2
S et A ddr es s P ointer
S tatu s C hec k
1
EN D
ST A0 ,1
S et A ddr es s data
( low er 8 bits )
S tatu s C hec k
1
S et A ddr es s D a ta
( u pper 8 bits )
S tatu s C hec k
1
S e t A d d r e ss
Po in te r
S end S e t A dd r e s s P ointer
C om m and
S tatus C hec k 1
ST A 0 = 1 ,
ST A 1 = 1 ?
NO
RE T U RN
YE S
S tatus C hec k 2
ST A2 = 1 ,
( S T A 3=1) ?
NO
RE T UR N
YE S
< Figure 6-8 >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com