Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA6963 Datasheet(PDF) 39 Page - RAIO Technology Inc.

Part # RA6963
Description  Dot Matrix LCD Controller Specification
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA6963 Datasheet(HTML) 39 Page - RAIO Technology Inc.

Back Button RA6963 Datasheet HTML 35Page - RAIO Technology Inc. RA6963 Datasheet HTML 36Page - RAIO Technology Inc. RA6963 Datasheet HTML 37Page - RAIO Technology Inc. RA6963 Datasheet HTML 38Page - RAIO Technology Inc. RA6963 Datasheet HTML 39Page - RAIO Technology Inc. RA6963 Datasheet HTML 40Page - RAIO Technology Inc. RA6963 Datasheet HTML 41Page - RAIO Technology Inc. RA6963 Datasheet HTML 42Page - RAIO Technology Inc. RA6963 Datasheet HTML 43Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Preliminary Version 1.3
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
39/46
RA6963
8. Specifications
8-1 Absolute Maximum Ratings
< Table 8-1 >
Ta=25℃
Parameter
Symbol
Rating
Unit
Supply Voltage Range
VDD(Note 1)
-0.3 to +7.0
V
Input Voltage Range
Vin(Note 1)
-0.3 to VDD +0.3
V
Operating Temperature Range
Top
-30 to +85
℃
Storage Temperature Range
Tstg
-55 to +125
℃
Solder Temperature Range
Tsdt(Note 2)
400
℃
Note 1: Gnd = 0V.
Note 2: Solder Time = 8 Minutes.
< Table 8-2 >
(
VDD=+5V±5%,GND=0V,Ta= -20 to +70℃)
Item
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Pin
Name
Operating Voltage
VDD
VDD
--
3.0
3.3/5.0
5.5
V
VDD
“H”
VIH
--
VDD-2.2
--
VDD
V
I/P
Input
“L”
VIL
--
0
--
0.8
V
I/P
“H”
VOH
--
VDD-0.3
--
VDD
V
O/P
Output
“L”
VOL
--
0
--
0.3.
V
O/P
“H”(1)
ROH
VOUT=VDD-0.5
--
--
400
Ω
O/P
Output Resistance
“L”
ROL
VOUT=0.5
--
--
400
Ω
O/P
Operating
IDD(1)
VDD=5.0V (Note 2)
fOSC=3.0MHz
--
3.0
5
mA
VDD
Current
Consumption
Halt
IDD(2) VDD=5.0V
--
0.9
2
μA
VDD
Input Pull Up Resistance
RPU
--
50
100
200
KΩ
(Note 1)
Operating Frequency
fOSC
--
0.4
--
18
MHz
Solder Temperature
TSDT
(Note 3)
--
260
--
℃
Note 1: Applied
]
1
:
2
[
TEST
, RST .
Note 2: MDS=L, MD[1:0]=LL, MD[3:2]=HH, FS[1:0]=LL, SDSEL =L, DUAL =H, D[7:0]=LHLHLHLH.
Note 3: Solder Time = 20~40 Seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com