Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAPR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAPR
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button TAS5706PAPR Datasheet HTML 52Page - Texas Instruments TAS5706PAPR Datasheet HTML 53Page - Texas Instruments TAS5706PAPR Datasheet HTML 54Page - Texas Instruments TAS5706PAPR Datasheet HTML 55Page - Texas Instruments TAS5706PAPR Datasheet HTML 56Page - Texas Instruments TAS5706PAPR Datasheet HTML 57Page - Texas Instruments TAS5706PAPR Datasheet HTML 58Page - Texas Instruments TAS5706PAPR Datasheet HTML 59Page - Texas Instruments TAS5706PAPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
www.ti.com
PWM OUTPUT MUX REGISTER (0x25)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
This DAP output mux selects which internal PWM channel is output to the external pins. Any channel can be
output to any external output pin.
Bits D30–D25:
Selects which PWM channel is output to HPL_PWM and HPR_PWM
Bits D23–D20:
Selects which PWM channel is output to OUT_A
Bits D19–D16:
Selects which PWM channel is output to OUT_B
Bits D15–D12:
Selects which PWM channel is output to OUT_C
Bits D11–D08:
Selects which PWM channel is output to OUT_D
Bits D07–D04:
Selects which PWM channel is output to SUB_PWM–
Bits D03–D00:
Selects which PWM channel is output to SUB_PWM+
Note that channels are encoded so that channel 1 = 0x00, channel 2 = 0x01, …, channel 6 = 0x05.
Table 24. PWM Output Mux Register (0x25)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
–
–
–
–
–
–
–
Reserved (1)
–
0
0
0
–
–
–
–
Multiplex channel 1 to HPL_PWM (1)
–
0
0
1
–
–
–
–
Multiplex channel 2 to HPL_PWM
–
0
1
0
–
–
–
–
Multiplex channel 3 to HPL_PWM
–
0
1
1
–
–
–
–
Multiplex channel 4 to HPL_PWM
–
1
0
0
–
–
–
–
Multiplex channel 5 to HPL_PWM
–
1
0
1
–
–
–
–
Multiplex channel 6 to HPL_PWM
–
–
–
–
0
–
–
–
Reserved
–
–
–
–
–
0
0
0
Multiplex channel 1 to HPR_PWM
–
–
–
–
–
0
0
1
Multiplex channel 2 to HPR_PWM (1)
–
–
–
–
–
0
1
0
Multiplex channel 3 to HPR_PWM
–
–
–
–
–
0
1
1
Multiplex channel 4 to HPR_PWM
–
–
–
–
–
1
0
0
Multiplex channel 5 to HPR_PWM
–
–
–
–
–
1
0
1
Multiplex channel 6 to HPR_PWM
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
0
0
–
–
–
–
Multiplex channel 1 to OUT_A (1)
0
0
0
1
–
–
–
–
Multiplex channel 2 to OUT_A
0
0
1
0
–
–
–
–
Multiplex channel 3 to OUT_A
0
0
1
1
–
–
–
–
Multiplex channel 4 to OUT_A
0
1
0
0
–
–
–
–
Multiplex channel 5 to OUT_A
0
1
0
1
–
–
–
–
Multiplex channel 6 to OUT_A
–
–
–
–
0
0
0
0
Multiplex channel 1 to OUT_B
–
–
–
–
0
0
0
1
Multiplex channel 2 to OUT_B
–
–
–
–
0
0
1
0
Multiplex channel 3 to OUT_B (1)
–
–
–
–
0
0
1
1
Multiplex channel 4 to OUT_B
–
–
–
–
0
1
0
0
Multiplex channel 5 to OUT_B
–
–
–
–
0
1
0
1
Multiplex channel 6 to OUT_B
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
–
–
–
–
Multiplex channel 1 to OUT_C
0
0
0
1
–
–
–
–
Multiplex channel 2 to OUT_C (1)
0
0
1
0
–
–
–
–
Multiplex channel 3 to OUT_C
(1)
Default values are in bold.
56
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com