Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAPR
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5706PAPR Datasheet HTML 7Page - Texas Instruments TAS5706PAPR Datasheet HTML 8Page - Texas Instruments TAS5706PAPR Datasheet HTML 9Page - Texas Instruments TAS5706PAPR Datasheet HTML 10Page - Texas Instruments TAS5706PAPR Datasheet HTML 11Page - Texas Instruments TAS5706PAPR Datasheet HTML 12Page - Texas Instruments TAS5706PAPR Datasheet HTML 13Page - Texas Instruments TAS5706PAPR Datasheet HTML 14Page - Texas Instruments TAS5706PAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
www.ti.com
AC Characteristics, TA = 25°C, PVCC_X, AVCC = 18 V, AVDD, DVDD = 3.3 V, RL = 8 Ω (unless
AC Characteristics, TA = 25°C, PVCC_X, AVCC = 12 V, AVDD, DVDD = 3.3 V, RL = 8 Ω (unless
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KSVR
Supply ripple rejection
100-mVPP ripple at 20 Hz–20 kHz, BTL, 50%
–60
dB
duty cycle PWM
PO
Continuous output
BTL (RL = 8 Ω, THD+N = 10%, f = 1 kHz,
20.6
W
power
PVCC = 18 V)
BTL (RL = 8 Ω, THD+N = 7%, f = 1 kHz,
19.3
W
PVCC = 18 V)
SE (RL = 4 Ω, THD+N = 10%, f = 1 kHz,
18.1
W
PVCC = 24 V)
SE (RL = 4 Ω, THD+N = 7%, f = 1 kHz, PVCC
17.3
W
= 24 V)
THD+N
Total harmonic distortion VCC = 24 V, RL = 4 Ω, f = 1 kHz, PO = 10 W
0.08%
+ noise (SE)
(half-power)
Total harmonic distortion VCC = 18 V, RL = 8 Ω, f = 1 kHz, PO = 10 W
0.05%
+ noise (BTL)
(half-power)
Vn
Output integrated noise
20 Hz to 22 kHz (BD mode)
115
µV
A-weighted filter; MUTE = LOW
–82
dBV
Crosstalk
PO = 1 W, f = 1 kHz
–69
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 1%, f = 1 kHz,
99
dB
A-weighted
Thermal trip point
150
°C
(output shutdown,
unlatched fault)
Thermal hysteresis
15
°C
(1)
All measurement in AD mode.
otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KSVR
Supply ripple rejection
100-mVpp ripple at 20 Hz–20 kHz, BTL,
–60
dB
50% duty cycle PWM
PO
Continuous output power
BTL (RL = 8 Ω, THD+N = 10%, f = 1 kHz)
9.2
W
BTL (RL = 8 Ω, THD+N = 7%, f = 1 kHz)
8.7
W
SE (RL = 4 Ω, THD+N = 10%, f = 1 kHz)
4.5
W
SE (RL = 4 Ω, THD+N = 7%, f = 1 kHz)
4.2
W
THD+N
Total harmonic distortion
VCC = 12 V, RL = 8 Ω, f = 1 kHz,
0.07%
+ noise (BTL)
PO = 5 W (half-power)
Vn
Output integrated noise
20 Hz to 22 kHz (BD mode)
115
µV
A-weighted filter
–82
dBV
Crosstalk
PO = 1 W, f = 1 kHz
–75
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 1%,
96
dB
f = 1 kHz, A-weighted
Thermal trip point (output
150
°C
shutdown, unlatched fault)
Thermal hysteresis
15
°C
(1)
All measurement in AD mode.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com