Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAPR
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5706PAPR Datasheet HTML 21Page - Texas Instruments TAS5706PAPR Datasheet HTML 22Page - Texas Instruments TAS5706PAPR Datasheet HTML 23Page - Texas Instruments TAS5706PAPR Datasheet HTML 24Page - Texas Instruments TAS5706PAPR Datasheet HTML 25Page - Texas Instruments TAS5706PAPR Datasheet HTML 26Page - Texas Instruments TAS5706PAPR Datasheet HTML 27Page - Texas Instruments TAS5706PAPR Datasheet HTML 28Page - Texas Instruments TAS5706PAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
www.ti.com
23
22
SCLK
24Clks
LRCLK
LeftChannel
24-BitMode
1
19
18
20-BitMode
16-BitMode
15
14
MSB
LSB
24Clks
RightChannel
2-ChannelI S(PhilipsFormat)StereoInput/Output(24-Bit TransferWordSize)
2
T0092-01
3
2
5
4
9
8
17
16
1
0
0
4
5
13
12
1
0
9
8
23
22
SCLK
1
19
18
15
14
MSB
LSB
3
2
5
4
9
8
17
16
1
0
4
5
13
12
1
0
9
8
SCLK
16Clks
LRCLK
LeftChannel
16-BitMode
1
1
15
15
14
14
MSB
LSB
16Clks
RightChannel
2-ChannelI S(PhilipsFormat)StereoInput
2
T0266-01
3
3
2
2
5
5
4
4
9
9
8
8
0
13
13
10
10
11
11
12
12
SCLK
MSB
LSB
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
NOTE: All data presented in 2s-complement form with MSB first.
Figure 31. I2S 48-fS Format
NOTE: All data presented in 2s-complement form with MSB first.
Figure 32. I2S 32-fS Format
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com