Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2050H Datasheet(PDF) 6 Page - STMicroelectronics

Part # T2050H
Description  High temperature 20 A Snubberless??TRIACs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2050H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button T2050H Datasheet HTML 2Page - STMicroelectronics T2050H Datasheet HTML 3Page - STMicroelectronics T2050H Datasheet HTML 4Page - STMicroelectronics T2050H Datasheet HTML 5Page - STMicroelectronics T2050H Datasheet HTML 6Page - STMicroelectronics T2050H Datasheet HTML 7Page - STMicroelectronics T2050H Datasheet HTML 8Page - STMicroelectronics T2050H Datasheet HTML 9Page - STMicroelectronics T2050H Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering information
T2035H, T2050H
6/10
2
Ordering information
Figure 14.
Ordering information
T 20 xx H - 6 Y - TR
Triac series
Current
Sensitivity
Package
20 = 20 A
35 = 35 mA
50 = 50 mA
High temperature
Voltage
Delivery mode
6 = 600 V
T = TO-220AB
I = TO-220AB ins
G = D2PAK
Blank = tube (TO-220AB, TO-220AB ins, D2PAK)
-TR = Tape and reel (D2PAK)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com