Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2050H Datasheet(PDF) 1 Page - STMicroelectronics

Part # T2050H
Description  High temperature 20 A Snubberless??TRIACs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2050H Datasheet(HTML) 1 Page - STMicroelectronics

  T2050H Datasheet HTML 1Page - STMicroelectronics T2050H Datasheet HTML 2Page - STMicroelectronics T2050H Datasheet HTML 3Page - STMicroelectronics T2050H Datasheet HTML 4Page - STMicroelectronics T2050H Datasheet HTML 5Page - STMicroelectronics T2050H Datasheet HTML 6Page - STMicroelectronics T2050H Datasheet HTML 7Page - STMicroelectronics T2050H Datasheet HTML 8Page - STMicroelectronics T2050H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 2007
Rev 2
1/10
10
T2035H, T2050H
High temperature 20 A Snubberless™ TRIACs
Features
■ Medium current TRIAC
■ 150 °C max. Tj turn-off commutation
■ Low thermal resistance with clip bonding
■ Very high 3 quadrant commutation capability
■ Packages are RoHS (2002/95/EC) compliant
Applications
Especially designed to operate in high power
density or universal motor applications such as
vacuum cleaner and washing machine drum
motor.
Description
Available in through-hole and sureface mount
packages , the T2035H and T2050H TRIAC
series are suitable for general purpose mains
power AC switching.
These 20 A TRIACs provide a very high switching
capability up to junction temperatures of 150 °C.
The heatsink can be reduced, compared to
traditional TRIACs, according to the high
performance at given junction temperatures.
TM: Snubberless is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
Unit
IT(RMS)
20
A
VDRM/VRRM
600
V
IGT
35 or 50
mA
A2
A1
G
A2
A2
A1
G
A2
A2
A1
G
D2PAK
T20xxH-6G
A2
A1
G
TO-220AB Insulated
T2035H-6I
TO-220AB
T20xxH-6T
www.st.com


Similar Part No. - T2050H

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T205000 E-SWITCH-T205000 Datasheet
62Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
TE Connectivity Ltd
T2050001010 TEC-T2050001010 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
T2050001016 TEC-T2050001016 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
T2050001025 TEC-T2050001025 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
T2050001035 TEC-T2050001035 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
More results

Similar Description - T2050H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
SNUBBERLESS TRIACS
Feb-1989
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
SNUBBERLESS TRIACS
Feb-1989
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
Snubberless TM high temperature 16 A Triacs
31-Aug-2006
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
High temperature 16 A Snubberless™Triacs
20-Sep-2011
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
Snubberless high temperature 30 A Triacs
20-Sep-2011
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
SNUBBERLESS TRIACS
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
High temperature 12 A Snubberless™ Triacs
20-Sep-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com