Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2050H Datasheet(PDF) 5 Page - STMicroelectronics

Part # T2050H
Description  High temperature 20 A Snubberless??TRIACs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2050H Datasheet(HTML) 5 Page - STMicroelectronics

  T2050H Datasheet HTML 1Page - STMicroelectronics T2050H Datasheet HTML 2Page - STMicroelectronics T2050H Datasheet HTML 3Page - STMicroelectronics T2050H Datasheet HTML 4Page - STMicroelectronics T2050H Datasheet HTML 5Page - STMicroelectronics T2050H Datasheet HTML 6Page - STMicroelectronics T2050H Datasheet HTML 7Page - STMicroelectronics T2050H Datasheet HTML 8Page - STMicroelectronics T2050H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
T2035H, T2050H
Characteristics
5/10
Figure 9.
Relative variation of critical rate of
decrease of main current (dI/dt)c
versus reapplied (dV/dt)c
(typical values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
junction temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
(dV/dt)C (V/µs)
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
(dI/dt)
c [Tj] / (dI/dt)c [Tj=150°C]
Tj(°C)
Figure 11.
Leakage current versus junction
temperature for different values of
blocking voltage (typical values)
Figure 12.
Acceptable repetitive peak off-state
voltage versus case to ambient
thermal resistance
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under tab
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
50
75
100
125
150
I
DRM/IRRM(µA)
V
DRM=VRRM=400 V
V
DRM=VRRM=400 V
V
DRM=VRRM=600 V
V
DRM=VRRM=600 V
V
DRM=VRRM=200 V
V
DRM=VRRM=200 V
Tj(°C)
0
5
10
15
20
25
30
35
40
300
350
400
450
500
550
600
R
th(c-a)(°C/W)
R
th(j-c)=1.0 °C/W
T
J=150 °C
VDRM/VRRM(V)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
D²PAK
SCU(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com