Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM62A32AMLSIAMBQ1 Datasheet(PDF) 32 Page - Texas Instruments

Part # AM62A32AMLSIAMBQ1
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLSIAMBQ1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM62A32AMLSIAMBQ1 Datasheet HTML 28Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 29Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 30Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 31Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 32Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 33Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 34Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 35Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 247 page
background image
Table 5-1. Pin Attributes (AMB, ANF Packages) (continued)
AMB
BALL
NUMBER
[1]
ANF
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
D22
D22
MMC1_DAT3
PADCONFIG:
PADCONFIG137
0x000F4224
MMC1_DAT3
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV5
Yes
SDIO
PU/PD
CP_GEMAC_CPTS0_TS_COMP
1
O
TIMER_IO0
2
IO
0
UART2_RXD
3
I
1
GPIO1_42
7
IO
pad
E20
E20
MMC2_DAT0
PADCONFIG:
PADCONFIG69
0x000F4114
MMC2_DAT0
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR0
1
IO
0
GPIO0_68
7
IO
pad
F21
F21
MMC2_DAT1
PADCONFIG:
PADCONFIG68
0x000F4110
MMC2_DAT1
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR1
1
IO
0
GPIO0_67
7
IO
pad
F20
F20
MMC2_DAT2
PADCONFIG:
PADCONFIG67
0x000F410C
MMC2_DAT2
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR2
1
IO
0
UART5_TXD
3
O
GPIO0_66
7
IO
pad
G21
G21
MMC2_DAT3
PADCONFIG:
PADCONFIG66
0x000F4108
MMC2_DAT3
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR3
1
IO
0
UART5_RXD
3
I
1
GPIO0_65
7
IO
pad
L22
L22
OSPI0_CLK
PADCONFIG:
PADCONFIG0
0x000F4000
OSPI0_CLK
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
GPIO0_0
7
IO
pad
L21
L21
OSPI0_DQS
PADCONFIG:
PADCONFIG2
0x000F4008
OSPI0_DQS
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
UART5_CTSn
5
I
1
GPIO0_2
7
IO
pad
K22
K22
OSPI0_LBCLKO
PADCONFIG:
PADCONFIG1
0x000F4004
OSPI0_LBCLKO
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
UART5_RTSn
5
O
GPIO0_1
7
IO
pad
H21
H21
OSPI0_CSn0
PADCONFIG:
PADCONFIG11
0x000F402C
OSPI0_CSn0
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
GPIO0_11
7
IO
pad
G19
G19
OSPI0_CSn1
PADCONFIG:
PADCONFIG12
0x000F4030
OSPI0_CSn1
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
GPIO0_12
7
IO
pad
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com