Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM62A32AMLSIAMBQ1 Datasheet(PDF) 85 Page - Texas Instruments

Part # AM62A32AMLSIAMBQ1
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLSIAMBQ1 Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM62A32AMLSIAMBQ1 Datasheet HTML 81Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 82Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 83Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 84Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 85Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 86Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 87Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 88Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 247 page
background image
6.8.2 Fail-Safe Reset (FS RESET) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.3 ×
VDDS_OSC0
V
VILSS
Input Low Voltage Steady State
0.3 ×
VDDS_OSC0
V
VIH
Input High Voltage
0.7 ×
VDDS_OSC0
V
VIHSS
Input High Voltage Steady State
0.7 ×
VDDS_OSC0
V
VHYS
Input Hysteresis Voltage
200
mV
IIN (1)
Input Leakage Current.
VI = 1.8V
10
µA
VI = 0V
-10
µA
SRI (3)
Input Slew Rate
18f(2)
or
1.8E+6
V/s
(1)
This parameter defines leakage current when the terminal is operating as an input.
(2)
f = toggle frequency of the input signal in Hz.
(3)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
6.8.3 High-Frequency Oscillator (HFOSC) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.35 ×
VDDS_OSC0
V
VIH
Input High Voltage
0.65 ×
VDDS_OSC0
V
VHYS
Input Hysteresis Voltage
49
mV
IIN (1)
Input Leakage Current.
VI = 1.8V
10
µA
VI = 0V
-10
µA
(1)
This parameter defines leakage current when the terminal is operating as an input.
6.8.4 Low-Frequency Oscillator (LFXOSC) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.30 ×
VDDS_OSC0
V
VIH
Input High Voltage
0.70 ×
VDDS_OSC0
V
VHYS
Input Hysteresis Voltage
Active Mode
85
mV
Bypass Mode
324
mV
IIN (1)
Input Leakage Current.
VI = 1.8V
10
µA
VI = 0V
-10
µA
(1)
This parameter defines leakage current when the terminal is operating as an input.
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com