Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03114. Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03114.
Description  Adjustable Torque Screwdriver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03114. Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03114. Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adjustable Torque Screwdriver
EN#:4711552156232
Safety and environmental protection:
• RoHS & Pb free: RoHS
Material:
• Material of hex drive: Chrome vanadium steels SAE(AISI) 6140
• Material of adjustment ring & body: Aluminum alloy
• Material of handle: NBR Rubber
Specifications:
• Length (mm): 200
• Specification of torque (Nm): 1~6Nm
• Specification of torque (lbf-in): 13.28~48.68 lbf-in
• Graduation(N-M): 0.1
• Tolerance of torque (%): ±6%
• Dimension of ratchet: 1/4" (6.35mm)
D03114
PRODUCT SPECIFICATION
Product Weight
(w/o package)(g)
Measurement
335.4
200
37
37
L(mm)
W(mm)
H(mm)
Individual Packing:
Master Packing:
Pieces
N.W.(Kg)
G.W.(Kg)
Measurement
L(cm)
W(cm)
H(cm)
Cuft
Individual Packing
Inner box
CTN
1
1
24
0
-
-
10.44
0
0.435
25.5
50.3
0
6.97
29.7
20.3
1.07
0
0
0
0
11.34


Similar Part No. - D03114.

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03110 DURATOOL-D03110 Datasheet
115Kb / 1P
Adjustable Wrench Set 6” & 8” Black Finish
21/07/17 V1.0
logo
Tyco Electronics
D03110-000 MACOM-D03110-000 Datasheet
107Kb / 1P
PolySwitch짰 PTC Devices
logo
Premier Farnell Limited...
D03112 DURATOOL-D03112 Datasheet
104Kb / 1P
Solid Steel Engineer Square
21/07/17 V1.0
D03113 DURATOOL-D03113 Datasheet
98Kb / 1P
1-15mm Metric Bore Gauge 0.1mm Graduations
21/07/17 V1.0
D03115 DURATOOL-D03115 Datasheet
147Kb / 1P
25 Hole Metric Drill Gauge
21/07/17 V1.0
More results

Similar Description - D03114.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1208429 PHOENIX-1208429 Datasheet
53Kb / 3P
Torque screwdriver - TSD 04 SAC
1208487 PHOENIX-1208487 Datasheet
52Kb / 3P
Torque screwdriver - TSD 02 SAC
1212020 PHOENIX-1212020 Datasheet
49Kb / 3P
Torque screwdriver - TSD 20 SAC
1212224 PHOENIX-1212224 Datasheet
58Kb / 3P
Torque screwdriver - TSD-M 1,2NM
1212225 PHOENIX-1212225 Datasheet
58Kb / 3P
Torque screwdriver - TSD-M 3NM
1212226 PHOENIX-1212226 Datasheet
59Kb / 3P
Torque screwdriver - TSD-M 6NM
1212315 PHOENIX-1212315 Datasheet
48Kb / 3P
Torque screwdriver - TSD 25 SAC
1212597 PHOENIX-1212597 Datasheet
52Kb / 2P
Torque screwdriver - TSD 08 SAC
1607456 PHOENIX-1607456 Datasheet
43Kb / 2P
Torque screwdriver - SF-Z0028
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com