Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA2155DM Datasheet(PDF) 7 Page - Micro Electronics

Part # TMPA2155DM
Description  2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TMPA2155DM Datasheet(HTML) 7 Page - Micro Electronics

Back Button TMPA2155DM_07 Datasheet HTML 3Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 4Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 5Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 6Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 7Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 8Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 9Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 10Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 11Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary
TMPA2155DM
tai'mec
www.taimec.com.tw / www.class-d.com.tw
Rev.1.0
December 24, 2007
Copyright ©2005, Tai-1 Microelectronics Corp.
7
kohms
15
Ri
kohms
320
Gain
+
=
Input Resistors and Gain
The gain of the amplifier is determined by, for VDD=VDDA =2.5V to 5.5V
where Ri is the source impedance of the input signal.
Note:Please refer to document 010 APP for more application examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com