Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA2155DM Datasheet(PDF) 8 Page - Micro Electronics

Part # TMPA2155DM
Description  2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TMPA2155DM Datasheet(HTML) 8 Page - Micro Electronics

Back Button TMPA2155DM_07 Datasheet HTML 4Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 5Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 6Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 7Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 8Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 9Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 10Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 11Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 12Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Preliminary
TMPA2155DM
tai'mec
www.taimec.com.tw / www.class-d.com.tw
Rev.1.0
December 24, 2007
Copyright ©2005, Tai-1 Microelectronics Corp.
8
DETAILED DESCRIPTION
Efficiency
The output transistors of a class D amplifier act as switches. The power loss is mainly due to
the turn on resistance of the output transistors when driving current to the load. As the turn on
resistance is so small that the power loss is small and the power efficiency is high. With 8 ohm
load the power efficiency can be better than 85%.
Shutdown
The shutdown mode reduces power consumption. A LOW at shutdown pin forces the device in
shutdown mode and a HIGH forces the device in normal operating mode. Shutdown mode is
useful for power saving when not in use. This function is useful when other devices like
earphone amplifier on the same PCB are used but class D amplifier is not necessary.
Internal circuit for shutdown is shown below.
Pop-less
The shutdown pin is designed to give pop-less start up. The RC delay provided by external
R(=100k ohms) and external C(=1uF) introduces enough delay for the internal circuitry to be
stable before the signal is fed to the speaker. This delay is good for shutdown ON-OFF and
power UP-DOWN operations.
Voltage gain
The voltage gain is defined in the table on page 3. For lower voltage gain one can add external
input resistors to input pins. If external resistors are used they should be well matched. Well
matched input resistors are also required even for single ended input configuration for low
noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com