Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA2155DM Datasheet(PDF) 9 Page - Micro Electronics

Part # TMPA2155DM
Description  2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TMPA2155DM Datasheet(HTML) 9 Page - Micro Electronics

Back Button TMPA2155DM_07 Datasheet HTML 5Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 6Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 7Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 8Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 9Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 10Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 11Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 12Page - Micro Electronics TMPA2155DM_07 Datasheet HTML 13Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Preliminary
TMPA2155DM
tai'mec
www.taimec.com.tw / www.class-d.com.tw
Rev.1.0
December 24, 2007
Copyright ©2005, Tai-1 Microelectronics Corp.
9
Automatic output Power Control (APC)
The voltage gain is self adjusted in the chip over voltage range. This means that, regardless
supply voltage change, the output power keeps about the same for a given input level from
VDD=5.5v to 2.5v. It allows the best use of the battery.
Differential input VS single ended input
Differential input offers better noise immunity over single ended input. A differential input
amplifier suppresses common noise and amplifies the difference voltage at the inputs. For
single ended applications just tie the negative input end of the balanced input structure to
ground. If external input resistors are used, the negative input has to be grounded with a series
resistor of the same value as the positive input to reduce common noise.
Output filter
Ferrite bead filter can be used for EMI purpose. The ferrite filter reduces EMI around 1 MHz and
higher(FCC and CE only test radiated emissions greater than 30 MHz). When selecting a
ferrite bead, choose one with high impedance at high frequencies, but low impedance at low
frequencies.
Use an LC output filter if there are low frequency(<1 MHz)EMI sensitive circuits and/or there
are long wires from the amplifier to the speaker. EMI is also affected by PCB layout and the
placement of the surrounding components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com