Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LM224
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM224 Datasheet HTML 4Page - STMicroelectronics LM224 Datasheet HTML 5Page - STMicroelectronics LM224 Datasheet HTML 6Page - STMicroelectronics LM224 Datasheet HTML 7Page - STMicroelectronics LM224 Datasheet HTML 8Page - STMicroelectronics LM224 Datasheet HTML 9Page - STMicroelectronics LM224 Datasheet HTML 10Page - STMicroelectronics LM224 Datasheet HTML 11Page - STMicroelectronics LM224 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
R1
10k
Ω
R2
1M
Ω
1/4
LM124
10k
Ω
eI
eO
+5V
(mV)
0
AV =1 +
R2
R1
(As shown
= 101)
AV
NON-INVERTING DC GAIN
1/4
LM124
eO
e 4
e
3
e 2
e
1
100k
Ω
100k
Ω
100k
Ω
100k
Ω
100k
Ω
100k
Ω
eo =e1 +e2 -e3 -e4
where (e1 +e2)
≥ (e3 +e4)
to keep eo
≥ 0V
DC SUMMING AMPLIFIER
TYPICAL SINGLE - SUPPLY APPLICATIONS
1/4
LM124
R3
100k
Ω
e
O
1/4
LM124
R1
100k
Ω
e
1
1/4
LM124
R7
100k
Ω
R6
100k
Ω
R5
100k
Ω
e
2
R2
2k
Ω
Gain adjust
R4
100k
Ω
if R1 =R5 and R3 =R4 =R6 =R7
eo
= [1+
2R1
R2
]
(e2 − e1)
As shown eo = 101 (e2 -e1).
HIGH INPUT Z ADJUSTABLE GAIN DC
INSTRUMENTATION AMPLIFIER
1/4
LM124
1/4
LM124
I B
2N 929
0.001
µF
I B
3R
3M
Ω
I B
Input current
compensation
e o
I B
e
I
1/4
LM124
Zo
Z
I
C
1
µF
2I
B
R
1M
Ω
2I
B
* Polycarbonate or polyethylene
*
LOW DRIFT PEAK DETECTOR
LM124 - LM224 - LM324
8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com