Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM224
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM224 Datasheet HTML 6Page - STMicroelectronics LM224 Datasheet HTML 7Page - STMicroelectronics LM224 Datasheet HTML 8Page - STMicroelectronics LM224 Datasheet HTML 9Page - STMicroelectronics LM224 Datasheet HTML 10Page - STMicroelectronics LM224 Datasheet HTML 11Page - STMicroelectronics LM224 Datasheet HTML 12Page - STMicroelectronics LM224 Datasheet HTML 13Page - STMicroelectronics LM224 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
1/4
LM124
1/4
LM124
R3
10k
Ω
1/4
LM124
e 1
eO
R8
100k
Ω
R7
100k
Ω
C3
10
µF
V CC
R5
470k
Ω
C2
330pF
R4
10M
Ω
R6
470k
Ω
R1
100k
Ω
C1
330pF
FO = 1kHz
Q= 50
AV = 100 (40dB)
ACTIVER BANDPASS FILTER
1/4
LM124
1/4
LM124
R1
100k
Ω
R2
100k
Ω
R4
100k
Ω
R3
100k
Ω
+V2
+V1
Vo
eo
(1+
R4
R3
)(e2− e1)
As shown eo =(e2 -e1)
For
R1
R2
=
R4
R3
(CMRR depends on this resistor ratio match)
HIGH INPUT Z, DC DIFFERENTIAL AMPLIFIER
TYPICAL SINGLE - SUPPLY APPLICATIONS
VOLTAGE GAIN AND PHASE vs FREQUENCY
LM124 - LM224 - LM324
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com