Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM224
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224 Datasheet(HTML) 1 Page - STMicroelectronics

  LM224 Datasheet HTML 1Page - STMicroelectronics LM224 Datasheet HTML 2Page - STMicroelectronics LM224 Datasheet HTML 3Page - STMicroelectronics LM224 Datasheet HTML 4Page - STMicroelectronics LM224 Datasheet HTML 5Page - STMicroelectronics LM224 Datasheet HTML 6Page - STMicroelectronics LM224 Datasheet HTML 7Page - STMicroelectronics LM224 Datasheet HTML 8Page - STMicroelectronics LM224 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
.
WIDE GAIN BANDWIDTH : 1.3MHz
.
INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GROUND
.
LARGE VOLTAGE GAIN : 100dB
.
VERY LOW SUPPLY CURRENT/AMPLI : 375
µA
.
LOW INPUT BIAS CURRENT : 20nA
.
LOW INPUT OFFSET VOLTAGE : 5mV max.
(for more accurate applications, use the equivalent parts
LM124A-LM224A-LM324A which feature 3mV max)
.
LOW INPUT OFFSET CURRENT : 2nA
.
WIDE POWER SUPPLY RANGE :
SINGLE SUPPLY : +3V TO +30V
DUAL SUPPLIES :
±1.5V TO ±15V
DESCRIPTION
These circuits consist of four independent, high
gain, internally frequency compensated operational
amplifiers . They operate from a single power supply
over a wide range of voltages. Operation from split
power supplies is also possible and the low power
supply current drain is independent of the magni-
tude of the power supply voltage.
Inve rting Input 2
Non-inve rting Input 2
Non-inve rting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inve rting Input 4
Inve rting Input 4
Non-inve rting Input 3
Inve rting Input 3
-
+
-
+
-
+
-
+
Output 1
Inve rting Input 1
Output 2
PIN CONNECTIONS (top view)
ORDER CODES
Part
Number
Temperature
Range
Package
NDP
LM124
-55
oC, +125oC
••
LM224
-40
oC, +105oC
••
LM324
0
oC, +70oC
••
Example : LM224N
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
LOW POWER QUAD OPERATIONAL AMPLIFIERS
LM124
LM224 - LM324
June 1999
P
TSSOP14
(Thin Shrink Small Outline Package)
1/14


Similar Part No. - LM224

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM224 PHILIPS-LM224 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
Fairchild Semiconductor
LM224 FAIRCHILD-LM224 Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
ON Semiconductor
LM224 ONSEMI-LM224 Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
logo
Texas Instruments
LM224 TI-LM224 Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
ON Semiconductor
LM224 ONSEMI-LM224 Datasheet
204Kb / 16P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
More results

Similar Description - LM224

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_07 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com