Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM138
Description  THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM138 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM138 Datasheet HTML 4Page - STMicroelectronics LM138 Datasheet HTML 5Page - STMicroelectronics LM138 Datasheet HTML 6Page - STMicroelectronics LM138 Datasheet HTML 7Page - STMicroelectronics LM138 Datasheet HTML 8Page - STMicroelectronics LM138 Datasheet HTML 9Page - STMicroelectronics LM138 Datasheet HTML 10Page - STMicroelectronics LM138 Datasheet HTML 11Page - STMicroelectronics LM138 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
* R1 = 240
Ω for LM138 or LM238
* R2 = 720
Ω for LM138 or LM238
** Minimum output
≈ +1.2V
SLOW TURN-ON 15V REGULATOR
* R1 = 240
} for LM138 and LM238
* R2 = 2.7k
TRACKING PREREGULATOR
LM138-LM238-LM338
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com