Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM138
Description  THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM138 Datasheet(HTML) 2 Page - STMicroelectronics

  LM138 Datasheet HTML 1Page - STMicroelectronics LM138 Datasheet HTML 2Page - STMicroelectronics LM138 Datasheet HTML 3Page - STMicroelectronics LM138 Datasheet HTML 4Page - STMicroelectronics LM138 Datasheet HTML 5Page - STMicroelectronics LM138 Datasheet HTML 6Page - STMicroelectronics LM138 Datasheet HTML 7Page - STMicroelectronics LM138 Datasheet HTML 8Page - STMicroelectronics LM138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
Ptot
Power Dissipation
Internally Limited
W
VI -VO
Input-Output Voltage DIfferential
35
V
Toper
Operating Junction Temperature Range
LM138
LM238
LM338
-55 to 150
-25 to 150
0 to 125
oC
Tstg
Storage Temperature Range
-65 to 150
oC
Tlead
Lead Temperature (Soldering, 10 seconds)
300
oC
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth(j-c)
Typical Junction-Case Thermal Resistance
1.4
oC/W
Rth(j-a)
Max Junction-Ambient Thermal Resistance
35
oC/W
SCHEMATIC DIAGRAM
LM138-LM238-LM338
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com