Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM138
Description  THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM138 Datasheet(HTML) 1 Page - STMicroelectronics

  LM138 Datasheet HTML 1Page - STMicroelectronics LM138 Datasheet HTML 2Page - STMicroelectronics LM138 Datasheet HTML 3Page - STMicroelectronics LM138 Datasheet HTML 4Page - STMicroelectronics LM138 Datasheet HTML 5Page - STMicroelectronics LM138 Datasheet HTML 6Page - STMicroelectronics LM138 Datasheet HTML 7Page - STMicroelectronics LM138 Datasheet HTML 8Page - STMicroelectronics LM138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM138/238
LM338
March 1993
ADJUSTABLE VOLTAGE REGULATORS
THREE-TERMINAL 5-A
.
GUARANTEED 7A PEAK OUTPUT CURRENT
.
GUARANTEED 5A OUTPUT CURRENT
.
ADJUSTABLE OUTPUT DOWN TO 1.2V
.
LINE REGULATION TYPICALLY 0.005% /V
.
LOAD REGULATION TYPICALLY 0.1%
.
GUARANTEED THERMAL REGULATION
.
CURRENT LIMIT CONSTANT WITH TEM-
PERATURE
.
STANDARD 3-LEAD TRANSISTOR PACKAGE
DESCRIPTION
The LM138/LM238/LM338 are adjustable 3-terminal
positive voltage regulators capable of supplying in ex-
cess of 5A over a 1.2V to 32V output range. They are
exceptionally easy to use and require only 2 resistors
to set the output voltage. Careful circuit design has re-
sulted in outstanding load and line regulation com-
parable to many commercial power supplies. The
LM138 family is supplied in a standard 3-lead transis-
tor package.
A unique feature of the LM138 family is time-de-
pendent current limiting. The current limit circuitry
allows peak currents of up to 12A to be drawn from the
regulator for short periods of time. This allows the
LM138 to be used with heavy transient loads and
speeds start-up under full-load conditions. Under sus-
tained loading conditions, the current limit decreases
to a safe value protecting the regulator. Also included
on the chip are thermal overload protection and safe
area protection for the power transistor. Overload pro-
tection remains functional even if the adjustment pin
is accidentally disconnected.
Normally, no capacitors are needed unless the device
is situated far from the input filter capacitors in which
case an input bypass is needed. An optional output
capacitor can be added to improve transient res-
ponse. The adjustment terminal can be bypassed to
achieve very high ripple rejection ratios which are dif-
ficult to achieve with standard 3-terminal regulators.
Besides replacing fixed regulators ordiscrete designs,
the LM238 is useful in a wide variety of other applica-
tions. Since the regulator is ”floating” and sees only
theinput-to-output differential voltage, supplies of sev-
eral hundred volts can be regulated as long as the
maximum input to input differential is not exceeded.
The LM138/LM238/LM338 are packaged in standard
steel TO-3 transistor packages. The LM138 is rated
for operation from -55
oCto 150 oC, the LM238 from
–25
°C to + 150°C and the LM338 from 0°Cto +
125
°C.
TO3
K SUFFIX
(Steel Can)
ORDER CODE
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
K
LM138
LM238
LM338
-55
oC to + 150 oC
-25
oC to + 150 oC
0
oC to + 125 oC
EXAMPLE: LM138K
PIN CONNECTION
(bottom view)
Case is output
1/12


Similar Part No. - LM138

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
5-Amp Adjustable Regulators
logo
Seme LAB
LM138 SEME-LAB-LM138 Datasheet
56Kb / 6P
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM138 LINER-LM138 Datasheet
185Kb / 12P
5A Positive Adjustable Voltage Regulator
LM138 LINER-LM138 Datasheet
148Kb / 12P
5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
More results

Similar Description - LM138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
LM150 STMICROELECTRONICS-LM150 Datasheet
103Kb / 7P
THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137_08 Datasheet
1,005Kb / 18P
Three-terminal adjustable negative voltage regulators
17-Jul-2008
LM138 STMICROELECTRONICS-LM138_08 Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
LM323 STMICROELECTRONICS-LM323_08 Datasheet
725Kb / 15P
Three-terminal 3 A adjustable voltage regulators
12-Feb-2008
LM350 STMICROELECTRONICS-LM350_08 Datasheet
586Kb / 14P
Three-terminal 3 A adjustable voltage regulators
11-Feb-2008
LM138K STMICROELECTRONICS-LM138K Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com