Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST890D Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST890D
Description  1.2 A current limited high side power switch with thermal shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST890D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST890D Datasheet HTML 2Page - STMicroelectronics ST890D Datasheet HTML 3Page - STMicroelectronics ST890D Datasheet HTML 4Page - STMicroelectronics ST890D Datasheet HTML 5Page - STMicroelectronics ST890D Datasheet HTML 6Page - STMicroelectronics ST890D Datasheet HTML 7Page - STMicroelectronics ST890D Datasheet HTML 8Page - STMicroelectronics ST890D Datasheet HTML 9Page - STMicroelectronics ST890D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Maximum rating
ST890B, ST890C, ST890D
6/17
2
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to Absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 7.
Thermal data
Table 6.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
Supply voltage
-0.5 to +6
V
VON
Input voltage at ON pin
-0.5 to +6
V
VFAULT_N
Input voltage at FAULT_N pin
-0.5 to +6
V
VSET
Voltage at SET pin
-0.5 to (VIN +0.5)
V
IDS
Maximum continuous switching current
1.5
A
Tstg
Storage temperature
-65 to +150
°C
Top
Operating junction temperature range
-40 to +85
°C
Symbol
Parameter
SO-8
DFN8L
Unit
Rthj-amb
Thermal
resistance
junction-ambient
160(1)
1.
This value depends from thermal design of PCB on which the device is mounted.
37.6(2)
2.
This value depends from the 4-layer PCB, JEDEC standard test board.
°C/W
Table 8.
Electrical characteristics
Symbol
Parameter
Test condition(1)
Value
Unit
TA = 25°C
Min
Typ
Max
VI
Operating voltage
ID =1mA
2.7
5.5
V
ICC
ON quiescent
supply current
VI =5V,
ON = GND
IO = 0
13
25
μA
I(CCOFF)
OFF quiescent
supply current
ON =IN
VI =VOUT =5.5 V
1
μA
ON =IN
VI =5.5 V
VO =0
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com