Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST890D Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST890D
Description  1.2 A current limited high side power switch with thermal shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST890D Datasheet(HTML) 1 Page - STMicroelectronics

  ST890D Datasheet HTML 1Page - STMicroelectronics ST890D Datasheet HTML 2Page - STMicroelectronics ST890D Datasheet HTML 3Page - STMicroelectronics ST890D Datasheet HTML 4Page - STMicroelectronics ST890D Datasheet HTML 5Page - STMicroelectronics ST890D Datasheet HTML 6Page - STMicroelectronics ST890D Datasheet HTML 7Page - STMicroelectronics ST890D Datasheet HTML 8Page - STMicroelectronics ST890D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
December 2007
Rev 6
1/17
17
ST890B
ST890C, ST890D
1.2 A current limited high side power switch
with thermal shutdown
Features
■ 2.7 V to 5.5 V input range
■ Programmable current limit up to 1.2 A
■ Low quiescent current
■ Thermal shutdown
■ Active low FAULT indicator output
■ 90 m
Ω (typ.) ON resistance
■ SO-8 and DFN8L (3 x 3 mm) packages
Applications
■ PCMCIA slots
■ Access bus slots
■ Portable equipment
Description
The ST890B, ST890C and ST890D are low
voltage, P-channel MOSFET power switches
intended for high side load switching applications.
These switches operate with inputs from 2.7 V to
5.5 V, making it ideal for both 3 V and 5 V
systems.
The internal current limiting circuitry protects the
input supply against overload. The thermal
overload protection limits power dissipation and
junction temperatures.
The maximum current limit is 1.2 A. The current
limit through the switch is programmed with a
resistor from SET to ground. The devices are
available in SO-8 and DFN8L (3 x 3 mm)
packages.
DFN8L
(3x3mm)
SO-8
Table 1.
Device summary
Order code
Package
Packaging
ST890BDR
SO-8
2500 parts per reel
ST890CDR
SO-8
2500 parts per reel
ST890DTR
DFN8L (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - ST890D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST890DTR STMICROELECTRONICS-ST890DTR Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
More results

Similar Description - ST890D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
Sep-2002
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
22-Jul-2005
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
logo
Maxim Integrated Produc...
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com