Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST890D Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST890D
Description  1.2 A current limited high side power switch with thermal shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST890D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST890D Datasheet HTML 9Page - STMicroelectronics ST890D Datasheet HTML 10Page - STMicroelectronics ST890D Datasheet HTML 11Page - STMicroelectronics ST890D Datasheet HTML 12Page - STMicroelectronics ST890D Datasheet HTML 13Page - STMicroelectronics ST890D Datasheet HTML 14Page - STMicroelectronics ST890D Datasheet HTML 15Page - STMicroelectronics ST890D Datasheet HTML 16Page - STMicroelectronics ST890D Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ST890B, ST890C, ST890D
Package mechanical data
15/17
Table 12.
DFN8L (3 x 3 mm) package mechanical data
Figure 11.
DFN8L (3 x 3 mm) footprint recommendations
1.
Drawing not to scale.
2.
Dimensions in millimeters.
Symbol
millimeters
Min
Typ
Max
A
0.80
0.85
0.90
A1
0
0.02
0.05
b
0.25
0.030
0.35
D
2.95
3
3.05
D2
2.30
2.40
2.50
E
2.95
3
3.05
E2
1.70
1.80
1.90
e0.65
L
0.25
0.30
0.35
FR8092726_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com