Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM348 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM348
Description  FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM348 Datasheet(HTML) 1 Page - STMicroelectronics

  LM348 Datasheet HTML 1Page - STMicroelectronics LM348 Datasheet HTML 2Page - STMicroelectronics LM348 Datasheet HTML 3Page - STMicroelectronics LM348 Datasheet HTML 4Page - STMicroelectronics LM348 Datasheet HTML 5Page - STMicroelectronics LM348 Datasheet HTML 6Page - STMicroelectronics LM348 Datasheet HTML 7Page - STMicroelectronics LM348 Datasheet HTML 8Page - STMicroelectronics LM348 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
.
LOW SUPPLY CURRENT : 0.53mA/AMPLIFIER
.
CLASS AB OUTPUT STAGE : NO CROSS-
OVER DISTORTION
.
PIN COMPATIBLE WITH LM124
.
LOW INPUT OFFSET VOLTAGE : 1mV
.
LOW INPUT OFFSET CURRENT : 2nA
.
LOW INPUT BIAS CURRENT : 30nA
.
GAIN BANDWIDTH PRODUCT : 1.3MHz
.
HIGH DEGREE OF ISOLATION BETWEEN
AMPLIFIERS : 120dB
.
OVERLOAD PROTECTION FOR INPUTS AND
OUTPUTS
DESCRIPTION
The LM148 consists of four independent,high gain
internally compensated, low power operational
amplifiers which have been designed to provide
functionalcharacteristics identical to those of the fa-
miliar UA741 operational amplifier. In addition the
total supply current for all four amplifiers is compa-
rable to the supply current of a single UA741 type
op amp. Other features include input offset current
and input bias current which are much less than
those of a standard UA741. Also, excellent isolation
between amplifiers has been achieved by inde-
pendently biasing each amplifier and using layout
techniques which minimize thermal coupling.
The LM148 can be used anywhere multiple UA741
type amplifiers are being used and in applications
where amplifier matching or high packing density is
required.
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
4
5
6
7
9
10
11
13
1
2
3
14
12
Ou tpu t 1
In ve rt i n g i n p u t 1
Non -in ve r t ing i npu t 1
N on- inv e r t ing i n p u t 2
I n v e r ti ng i nput 2
O u t put 2
Ou tp u t 4
I n v e r ti n g i npu t 4
N o n -in v e r t ing i np ut 4
V
CC
N o n -in v e r t ing i np ut 3
I n ve r tin g i np ut 3
V
CC
+
8
Ou tput 3
-
PIN CONNECTIONS (top view)
ORDER CODES
Part Num-
ber
Temperature
Range
Package
ND
LM148
–55
oC, +125oC
••
LM248
–40
oC, +105oC
••
LM348
0
oC, +70oC
••
Example : LM348D
FOUR UA741
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
LM148
LM248 - LM348
November 1997
1/9


Similar Part No. - LM348

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM348 NSC-LM348 Datasheet
388Kb / 15P
Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
Fairchild Semiconductor
LM348 FAIRCHILD-LM348 Datasheet
108Kb / 10P
Quad Operational Amplifier
logo
Texas Instruments
LM348 TI-LM348 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM348 STMICROELECTRONICS-LM348 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
logo
SYC Electronica
LM348 SYC-LM348 Datasheet
423Kb / 15P
Quad 741 Op Amps
More results

Similar Description - LM348

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
MC3303 STMICROELECTRONICS-MC3303 Datasheet
322Kb / 11P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
MC33174-MC35174 STMICROELECTRONICS-MC33174-MC35174 Datasheet
50Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Dec-1997
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2002
TEB4033 STMICROELECTRONICS-TEB4033 Datasheet
209Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM148 STMICROELECTRONICS-LM148_02 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
LM146 STMICROELECTRONICS-LM146_03 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
MC3303 STMICROELECTRONICS-MC3303_01 Datasheet
316Kb / 10P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-2001
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com