Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM348 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM348
Description  FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM348 Datasheet(HTML) 3 Page - STMicroelectronics

  LM348 Datasheet HTML 1Page - STMicroelectronics LM348 Datasheet HTML 2Page - STMicroelectronics LM348 Datasheet HTML 3Page - STMicroelectronics LM348 Datasheet HTML 4Page - STMicroelectronics LM348 Datasheet HTML 5Page - STMicroelectronics LM348 Datasheet HTML 6Page - STMicroelectronics LM348 Datasheet HTML 7Page - STMicroelectronics LM348 Datasheet HTML 8Page - STMicroelectronics LM348 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb = 25oC (unless otherwise specified)
Symbol
Parameter
LM148 - LM248 - LM348
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage (RS
≤ 10kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
15
6
mV
Iio
Input Offset Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
225
75
nA
Iib
Input Bias Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
30
100
300
nA
Avd
Large Signal Voltage Gain (Vo =
±10V, RL =2kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
25
160
V/mV
SVR
Supply Voltage Rejection Ratio (RS
≤ 10kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
77
77
100
dB
ICC
Supply Current, all Amp, no Load
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
2.1
3.6
4.8
mA
Vicm
Input Common Mode Voltage Range
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
±12
±12
V
CMR
Common Mode Rejection Ratio (RS
≤ 10kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
70
70
110
dB
IOS
Output Short-circuit Current
Tamb =25
oC
102535
mA
± Vopp
Output Voltage Swing
Tamb =25
oCRL = 10k
Ω
RL =2k
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
Ω
RL =2k
Ω
12
10
12
10
13
12
V
SR
Slew Rate (VI =
±10V, RL = 10kΩ,CL = 100pF,
unity Gain)
0.25
0.5
V/
µs
tr
Rise Time (VI =
±10V, RL = 10kΩ,CL = 100pF,
unity Gain)
0.3
µs
KOV
Overshoot (VI =
±10V, RL = 10kΩ,CL = 100pF,
unity Gain)
5
%
RI
Input Resistance
0.8
2.5
M
Ω
GBP
Gain Bandwidth Product (VI = 10 mV, RL = 10k
Ω,
CL = 100pF, f = 100kHz)
0.7
1.3
MHz
THD
Total Harmonic Distortion (f = 1kHz, Av = 20dB,
RL = 10k
Ω, CL = 100pF, Vo =2Vpp)
0.08
%
en
Equivalent Input Noise Voltage
(f = 1kHz, Rs = 100
Ω)40
nV
√
Hz
Vo1/Vo2
Channel Separation
120
dB
LM148 - LM248 - LM348
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com