Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM348 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM348
Description  FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM348 Datasheet(HTML) 2 Page - STMicroelectronics

  LM348 Datasheet HTML 1Page - STMicroelectronics LM348 Datasheet HTML 2Page - STMicroelectronics LM348 Datasheet HTML 3Page - STMicroelectronics LM348 Datasheet HTML 4Page - STMicroelectronics LM348 Datasheet HTML 5Page - STMicroelectronics LM348 Datasheet HTML 6Page - STMicroelectronics LM348 Datasheet HTML 7Page - STMicroelectronics LM348 Datasheet HTML 8Page - STMicroelectronics LM348 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
LM148
LM248
LM348
Unit
VCC
Supply Voltage
± 22
± 22
± 22
V
Vid
Differential Input Voltage
±44
± 44
± 44
V
Vi
Input Voltage (note 1)
± 22
± 22
± 22
V
Ptot
Power Dissipation
500
500
500
mW
Output Short-circuit Duration (note 2)
Infinite
Toper
Operating Free-air Temperature Range
–55, +125
–40, +105
0, +70
oC
Tstg
Storage Temperature Range
–65, +150
–65, +150
–65, +150
oC
No tes :
1. F or suppl y volt age less than maxi mum value, t he absol ut e maxi mum i nput volt age i s equal to t he suppl y
volt age.
2. Any of the ampl if i er output s can be short ed to ground i ndefi nit ely ; however , mor e than one s houl d not be
si mult aneousl y shor ted as the maxi mum juncti on t emper atur e wi l l be exceeded.
Non-inverting inpu t
V
CC
60k
Ω
340
Ω
36k
Ω
V
CC
25
Ω
Output
25
Ω
12k
Ω
Inverting
Input
350k
Ω
2.5 k
Ω
7.4pF
V
CC
60k
Ω
V
CC
SCHEMATIC DIAGRAM
LM148 - LM248 - LM348
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com