Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS Datasheet(PDF) 4 Page - Radiall. All rights reserved.

Part # MMS
Description  STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - REEL OF 100
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIALL [Radiall. All rights reserved.]
Direct Link  https://www.radiall.com/
Logo RADIALL - Radiall. All rights reserved.

MMS Datasheet(HTML) 4 Page - Radiall. All rights reserved.

  MMS Datasheet HTML 1Page - Radiall. All rights reserved. MMS Datasheet HTML 2Page - Radiall. All rights reserved. MMS Datasheet HTML 3Page - Radiall. All rights reserved. MMS Datasheet HTML 4Page - Radiall. All rights reserved. MMS Datasheet HTML 5Page - Radiall. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data Sheet
STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - REEL OF 100
PAGE 4/5
ISSUE 03-02-17B
SERIES MMS
PART NUMBER R209408012
This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written
agreement from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary.
SOLDER PROCEDURE
1.
Deposit solder paste ‘SnAg4Cu0.5’ on mounting zone by screen printing application. We recommend a low residue flux.
We advise a thickness of 150 micromm ( 5.850 microinch ). Verify that the edges of the zone are clean.
2.
Placement of the receptacle on the mounting zone with an automa
tic machine of ‘pick and place’ type.
3.
Soldering by infra-red reflow.
4.
Cleaning of printed circuit boards.
5.
Checking of solder joints and position of the component by visual inspection.
TEMPERATURE PROFILE
Parameter
Value
Unit
Temperature rising Area
1 - 4
°C/sec
Max Peak Temperature
260
°C
Max dwell time @260°C
10
sec
Min dwell time @235°C
20
sec
Max dwell time @235°C
60
sec
Temperature drop in cooling Area
-1 to - 4
°C/sec
Max dwell time above 100°C
420
sec



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com