Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS Datasheet(PDF) 2 Page - Radiall. All rights reserved.

Part # MMS
Description  STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - REEL OF 100
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIALL [Radiall. All rights reserved.]
Direct Link  https://www.radiall.com/
Logo RADIALL - Radiall. All rights reserved.

MMS Datasheet(HTML) 2 Page - Radiall. All rights reserved.

  MMS Datasheet HTML 1Page - Radiall. All rights reserved. MMS Datasheet HTML 2Page - Radiall. All rights reserved. MMS Datasheet HTML 3Page - Radiall. All rights reserved. MMS Datasheet HTML 4Page - Radiall. All rights reserved. MMS Datasheet HTML 5Page - Radiall. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data Sheet
STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - REEL OF 100
PAGE 2/5
ISSUE 03-02-17B
SERIES MMS
PART NUMBER R209408012
This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written
agreement from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary.
PACKAGING
Standard
Unit
Other
100
Contact us
Contact us
ELECTRICAL CHARACTERISTICS
Impedance
50
Frequency
0-6
GHz
VSWR
*
+
0,0000
x F(GHz) Maxi
Insertion loss
**
F(GHz) dB Maxi
RF leakage
- (
NA
- F(GHz)) dB Maxi
Voltage rating
50
Veff Maxi
Dielectric withstanding voltage
250
Veff mini
Insulation resistance
500
M
 mini
MECHANICAL CHARACTERISTICS
Center contact retention
Axial force
– Mating End
NA
N mini
Axial force
– Opposite end
NA
N mini
Torque
NA
N.cm mini
Recommended torque
Mating
NA
N.cm
Panel nut
NA
N.cm
Mating life
50
Cycles mini
Weight
0,0590
g
ENVIRONMENTAL
Operating temperature
-40/+125
°C
Hermetic seal
NA
Atm.cm3/s
Panel leakage
NA
SPECIFICATION
OTHER CHARACTERISTICS
Assembly instruction:
Others:
*1.2 à 2GHz/Avg 1,07 **Max 0.07/Avg 0.06



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com