Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS Datasheet(PDF) 1 Page - Radiall. All rights reserved.

Part # MMS
Description  STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - REEL OF 100
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIALL [Radiall. All rights reserved.]
Direct Link  https://www.radiall.com/
Logo RADIALL - Radiall. All rights reserved.

MMS Datasheet(HTML) 1 Page - Radiall. All rights reserved.

  MMS Datasheet HTML 1Page - Radiall. All rights reserved. MMS Datasheet HTML 2Page - Radiall. All rights reserved. MMS Datasheet HTML 3Page - Radiall. All rights reserved. MMS Datasheet HTML 4Page - Radiall. All rights reserved. MMS Datasheet HTML 5Page - Radiall. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data Sheet
STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - REEL OF 100
PAGE 1/5
ISSUE 03-02-17B
SERIES MMS
PART NUMBER R209408012
This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written
agreement from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary.
All dimensions are in mm.
.
.
pn
ao
COMPONENTS
MATERIALS
PLATING (
m)
Body
PHOSPHOR BRONZE
GOLD 0.2 OVER NICKEL 2
Center contact
BERYLLIUM COPPER
GOLD 0.2 OVER TIN NICKEL 2
Outer contact
Insulator
PTFE
Gasket
-
Others parts
-
-
-
-
-
-
-
-


Similar Part No. - MMS

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMS SUNMATE-MMS Datasheet
224Kb / 2P
500mW Surface Mount Zener Diodes
logo
Sensata Technologies, I...
MMS SENSATA-MMS Datasheet
161Kb / 3P
SINE WAVE POWER FOR RUGGED MOBILE APPLICATIONS
Rev: 07/20/19
logo
Molex Electronics Ltd.
MMS-00013-02 MOLEX-MMS-00013-02 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
MMS-00013-04 MOLEX-MMS-00013-04 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
MMS-00014-02 MOLEX-MMS-00014-02 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
More results

Similar Description - MMS

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72996 POMONA-72996 Datasheet
120Kb / 1P
SMB JACK STRAIGHT PCB RECEPTACLE
73007 POMONA-73007 Datasheet
121Kb / 1P
MCX JACK STRAIGHT PCB RECEPTACLE
logo
List of Unclassifed Man...
R124681000 ETC2-R124681000 Datasheet
214Kb / 4P
RIGHT ANGLE JACK RECEPTACLE FOR PCB SMT TYPE
R222M00700 ETC2-R222M00700 Datasheet
212Kb / 5P
STRAIGHT MALE RECEPTACLE FOR SMT SLIDE TYPE - REEL OF 500
R210408012 ETC2-R210408012 Datasheet
400Kb / 4P
STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - GOLD 0.2 - REEL OF 100
R209408012 ETC2-R209408012 Datasheet
87Kb / 5P
STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - CC GOLD 0.2 - REEL OF 100
R222508300 ETC2-R222508300 Datasheet
577Kb / 6P
MALE STRAIGHT RECEPTACLE FOR PCB SMT TYPE - LIMITED DETENT - REEL 500
logo
Rosenberger Hochfrequen...
51K101-400A5 ROSENBERGER-51K101-400A5 Datasheet
40Kb / 2P
STRAIGHT JACK FOR PCB
logo
Amphenol Corporation
SMP-MSLD-PCS18T AMPHENOL-SMP-MSLD-PCS18T Datasheet
543Kb / 2P
SMP JACK PCB SMT RECEPTACLE LIMITED DETENT
A
logo
Wurth Elektronik GmbH &...
60312102114405 WURTH-60312102114405 Datasheet
491Kb / 7P
WR-SMA SMA PCB SMT Jack Straight
REVISION 002.000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com