Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7005S/L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7005S/L
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7005S/L Datasheet(HTML) 1 Page - Renesas Technology Corp

  7005S/L Datasheet HTML 1Page - Renesas Technology Corp 7005S/L Datasheet HTML 2Page - Renesas Technology Corp 7005S/L Datasheet HTML 3Page - Renesas Technology Corp 7005S/L Datasheet HTML 4Page - Renesas Technology Corp 7005S/L Datasheet HTML 5Page - Renesas Technology Corp 7005S/L Datasheet HTML 6Page - Renesas Technology Corp 7005S/L Datasheet HTML 7Page - Renesas Technology Corp 7005S/L Datasheet HTML 8Page - Renesas Technology Corp 7005S/L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Feb.14.20
1
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A12L
A0L
2738 drw 01
I/O0L-I/O7L
CEL
OEL
R/
WL
SEML
INTL
M/
S
BUSYR
I/O0R-I/O7R
A12R
A0R
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
R/
WR
CER
OER
R/
WR
13
13
7005S/L
HIGH-SPEED
8K x 8 DUAL-PORT
STATIC RAM
Features
◆
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆
High-speed access
– Commercial:15/17/20/25/35ns(max.)
– Industrial: 20ns (max.)
– Military:20/25/35/55/70ns(max.)
◆
Low-power operation
– IDT7005S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT7005L
Active: 700mW (typ.)
Standby: 1mW (typ.)
◆
IDT7005 easily expands data bus width to 16 bits or more
using the Master/Slave select when cascading more than
one device
◆
M/S = H for BUSY output flag on Master,
M/S = L for BUSY input on Slave
◆
Interrupt Flag
◆
On-chip port arbitration logic
◆
Full on-chip hardware support of semaphore signaling
between ports
◆
Fully asynchronous operation from either port
◆
Devices are capable of withstanding greater than 2001V
electrostatic discharge
◆
Battery backup operation—2V data retention
◆
TTL-compatible, single 5V (±10%) power supply
◆
Available in 68-pin PGA, PLCC and a 64-pin thin quad
flatpack
◆
Industrial temperature range (-40°C to +85°C) is available for
selectedspeeds
◆
Green parts available, see ordering information
Functional Block Diagram
NOTES:
1. (MASTER): BUSY is output; (SLAVE): BUSY is input.
2. BUSY outputs and INT outputs are non-tri-stated push-pull.


Similar Part No. - 7005S/L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7005S15GG IDT-7005S15GG Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S15GG8 IDT-7005S15GG8 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S15GGB IDT-7005S15GGB Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S15GGB IDT-7005S15GGB Datasheet
199Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S15GGB8 IDT-7005S15GGB8 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7005S/L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com