Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7005S/L Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 7005S/L
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7005S/L Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 7005S/L Datasheet HTML 9Page - Renesas Technology Corp 7005S/L Datasheet HTML 10Page - Renesas Technology Corp 7005S/L Datasheet HTML 11Page - Renesas Technology Corp 7005S/L Datasheet HTML 12Page - Renesas Technology Corp 7005S/L Datasheet HTML 13Page - Renesas Technology Corp 7005S/L Datasheet HTML 14Page - Renesas Technology Corp 7005S/L Datasheet HTML 15Page - Renesas Technology Corp 7005S/L Datasheet HTML 16Page - Renesas Technology Corp 7005S/L Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
6.42
13
7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Feb.14.20
2738 drw 13
tDW
tAPS
(1)
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/
W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(3)
tWDD
Timing Waveform of Write with Port-to-Port Read with BUSY(2,5)
(M/S = VIH)(4)
NOTES:
1. tWH must be met for both BUSY input (slave) and output (master).
2. BUSY is asserted on Port "B", blocking R/W"B", until BUSY"B" goes HIGH
3. tWB is only for the 'Slave' Version..
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/S = VIL (slave).
2. CEL = CER = VIL
3. OE = VIL for the reading port.
4. If M/S = VIL (slave), then BUSY is an input (BUSY"A" =VIH), and BUSY"B" = "don't care", for this example.
5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite port "A".
Timing Waveform of Write with BUSY
2738 drw 14
R/
W"A"
BUSY"B"
tWP
tWB
(3)
R/
W"B"
tWH
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com