Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7005S/L Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7005S/L
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7005S/L Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7005S/L Datasheet HTML 14Page - Renesas Technology Corp 7005S/L Datasheet HTML 15Page - Renesas Technology Corp 7005S/L Datasheet HTML 16Page - Renesas Technology Corp 7005S/L Datasheet HTML 17Page - Renesas Technology Corp 7005S/L Datasheet HTML 18Page - Renesas Technology Corp 7005S/L Datasheet HTML 19Page - Renesas Technology Corp 7005S/L Datasheet HTML 20Page - Renesas Technology Corp 7005S/L Datasheet HTML 21Page - Renesas Technology Corp 7005S/L Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
6.42
7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
20
Feb.14.20
Ordering Information
NOTES:
1. Contact your local sales office for industrial temp. range for other speeds, packages and powers.
2. Green parts available. For specific speeds, packages and powers contact your local sales office
LEAD FINISH (SnPb) parts are Obsolete excluding PGA. Product Discontinuation Notice - PDN# SP-17-02
2738 drw 21
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
B
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38538 QML
PF
G
J
64-pin TQFP (PNG64)
68-pin PGA (GU68)
68-pin PLCC (PLG68)
15
17
20
25
35
55
70
Commercial Only
Commercial Only
Commercial, Industrial & Military
Commercial & Military
Commercial & Military
Military Only
Military Only
S
L
Standard Power
Low Power
XXXXX
Device
Type
64K (8K x 8) Dual-Port RAM
7005
Speed in nanoseconds
A
G
Green
(2)
A
Blank
8
Tube or Tray
Tape and Reel
Orderable Part Information
Note that information regarding recently obsoleted parts are included in this datasheet for customer convenience.
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
15
7005L15JG
PLG68
PLCC
C
7005L15JG8
PLG68
PLCC
C
7005L15PFG
PNG64
TQFP
C
7005L15PFG8
PNG64
TQFP
C
17
7005L17G
GU68
PGA
C
20
7005L20G
GU68
PGA
C
7005L20GB
GU68
PGA
M
7005L20JGI
PLG68
PLCC
I
7005L20JGI8
PLG68
PLCC
I
7005L20PFGI
PNG64
TQFP
I
7005L20PFGI8
PNG64
TQFP
I
25
7005L25G
GU68
PGA
C
7005L25GB
GU68
PGA
M
35
7005L35G
GU68
PGA
C
7005L35GB
GU68
PGA
M
55
7005L55GB
GU68
PGA
M
70
7005L70GB
GU68
PGA
M
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
17
7005S17G
GU68
PGA
C
20
7005S20G
GU68
PGA
C
25
7005S25G
GU68
PGA
C
7005S25GB
GU68
PGA
M
35
7005S35G
GU68
PGA
C
7005S35GB
GU68
PGA
M
7005S35PFG
PNG64
TQFP
C
7005S35PFG8
PNG64
TQFP
C
55
7005S55GB
GU68
PGA
M
70
7005S70GB
GU68
PGA
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com