Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P32-VMP6P Datasheet(PDF) 51 Page - Numonyx B.V

Part # M25P32-VMP6P
Description  32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P32-VMP6P Datasheet(HTML) 51 Page - Numonyx B.V

Back Button M25P32-VMP6P Datasheet HTML 45Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 46Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 47Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 48Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 49Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 50Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 51Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 52Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 53Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
M25P32
Revision history
51/53
13
Revision history
Table 20.
Document revision history
Date
Revision
Changes
28-Apr-2003
0.1
Target Specification Document written in brief form
15-May-2003
0.2
Target Specification Document written in full
20-Jun-2003
0.3
8x6 MLP8 and SO16(300 mil) packages added
18-Jul-2003
0.4
tPP, tSE and tBE revised
24-Sep-2003
0.5
SO16 package code changed. Output Timing Reference Voltage
changed.
04-Dec-2003
0.6
Table of contents, warning about exposed paddle on MLP8, and Pb-free
options added.
Value of tVSL(min) VWI, tPP(typ) and tBE(typ) changed. Change of naming
for VDFPN8 package.
10-Dec-2003
1.0
Document promoted to Product Preview
01-Apr-2004
2.0
Document promoted to Preliminary Data. Soldering temperature
information clarified for RoHS compliant devices. Device grade
information clarified
05-Aug-2004
3.0
Device grade information further clarified
01-Oct-2004
4.0
Document promoted to mature datasheet. Footnotes removed from P and
G options in Ordering Information table. Minor wording improvements
made.
01-Apr-2005
5.0
Read Identification (RDID), Deep Power-down (DP) and Release from
Deep Power-down and Read Electronic Signature (RES) instructions, and
Active Power, Standby Power and Deep Power-down modes paragraph
clarified.
01-Aug-2005
6.0
Updated Page Program (PP) instructions in Page Programming, Page
Program (PP) and Table 14: AC characteristics.
23-Jan-2006
7.0
Fast Program/Erase mode added and Power-up specified for Fast
Program/Erase mode in Power-up and Power-down section. W pin
changed to W/VPP. (see Write Protect/Enhanced Program supply voltage
(W/VPP) description).
tVPPHSL added to Table 14: AC characteristics and tPP for Fast
Program/Erase mode added. Figure 27: VPPH timing inserted. Note 2
added below Figure 28 All packages are ECOPACK® compliant. Blank
option removed under Plating Technology in Table 19
10-Feb-2006
8.0
VDFPN8 package specifications updated (see Section 11: Package
mechanical).
28-Nov-2006
9
MLP8 5 × 6 mm and SO8W packages added (see Section 11: Package
mechanical). VCC supply voltage and VSS ground descriptions added.
Figure 4: Bus Master and memory devices on the SPI bus updated and
explanation added below.
Table 9: Absolute maximum ratings: VIO max modified and TLEAD added.
Products in T9HX technology introduced (see Table 14: AC
characteristics (T9HX technology)). Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com