Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P32-VMP6P Datasheet(PDF) 10 Page - Numonyx B.V

Part # M25P32-VMP6P
Description  32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P32-VMP6P Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M25P32-VMP6P Datasheet HTML 6Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 7Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 8Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 9Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 10Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 11Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 12Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 13Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Signal description
M25P32
10/53
2.6
Write Protect/Enhanced Program supply voltage (W/VPP)
W/VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin.
If the W/VPP input is kept in a low voltage range (0 V to VCC) the pin is seen as a control
input. This input signal is used to freeze the size of the area of memory that is protected
against program or erase instructions (as specified by the values in the BP2, BP1 and BP0
bits of the Status Register).
If VPP is in the range of VPPH it acts as an additional power supply pin. In this case VPP must
be stable until the Program/Erase algorithm is completed.
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com