Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P32-VMP6P Datasheet(PDF) 23 Page - Numonyx B.V

Part # M25P32-VMP6P
Description  32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P32-VMP6P Datasheet(HTML) 23 Page - Numonyx B.V

Back Button M25P32-VMP6P Datasheet HTML 19Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 20Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 21Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 22Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 23Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 24Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 25Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 26Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
M25P32
Instructions
23/53
6.3
Read Identification (RDID)
The Read Identification (RDID) instruction allows to read the device identification data:
●
Manufacturer identification (one byte)
●
Device identification (two bytes)
●
A Unique ID code (UID) followed by 16 bytes of CFI data
The manufacturer identification is assigned by JEDEC, and has the value 20h for Numonyx.
The device identification is assigned by the device manufacturer, and indicates the memory
type in the first byte (20h), and the memory capacity of the device in the second byte (16h).
The UID is set to 10h and indicates that 16 bytes, related to the CFI content, are following.
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress, is
not decoded, and has no effect on the cycle that is in progress.
The device is first selected by driving Chip Select (S) Low. Then, the 8-bit instruction code
for the instruction is shifted in. After this, the 24-bit device identification, stored in the
memory, the 8-bit Unique ID code followed by 16 bytes of CFI content will be shifted out on
Serial Data Output (Q). Each bit is shifted out during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 10.
The Read Identification (RDID) instruction is terminated by driving Chip Select (S) High at
any time during data output.
When Chip Select (S) is driven High, the device is put in the Standby Power mode. Once in
the Standby Power mode, the device waits to be selected, so that it can receive, decode and
execute instructions.
Figure 10.
Read Identification (RDID) instruction sequence and data-out sequence
Table 5.
Read Identification (RDID) data-out sequence
Manufacturer identification
Device identification
UID
CFI content
Memory type
Memory capacity
20h
20h
16h
10h
16 bytes
C
D
S
2
13
456789 10 11 12 13 14 15
Instruction
0
AI06809c
Q
Manufacturer Identification
High Impedance
MSB
Device Identification
MSB
15 14 13
3
2
1
0
16 17 18
28 29 30 31
MSB
UID + CFI Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com